Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1600 Datasheet(PDF) 36 Page - STMicroelectronics

Part # STUSB1600
Description  Power hubs and docking stations
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1600 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STUSB1600 Datasheet HTML 32Page - STMicroelectronics STUSB1600 Datasheet HTML 33Page - STMicroelectronics STUSB1600 Datasheet HTML 34Page - STMicroelectronics STUSB1600 Datasheet HTML 35Page - STMicroelectronics STUSB1600 Datasheet HTML 36Page - STMicroelectronics STUSB1600 Datasheet HTML 37Page - STMicroelectronics STUSB1600 Datasheet HTML 38Page - STMicroelectronics STUSB1600 Datasheet HTML 39Page - STMicroelectronics STUSB1600 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 69 page
background image
I2C register map
STUSB1600
36/69
DocID028937 Rev 1
5.1.10
CC_CAPABILITY_CTRL
Address: 18h
Access: R/W
Note: when operating in source power role, this register allows the advertising of the current
capability to be changed as defined in the USB Type-C standard specification and the
VCONN supply capability.
Table 27. CC_CAPABILITY_CTRL register
Bit
Field name
Reset
Description
7:6 CC_CURRENT_ADVERTISED
00b
(NVM)
00b: default USB current (500 mA or 900 mA)
01b: 1.5 A USB Type-C current
10b: 3.0 A USB Type-C current
11b: do not use
5
Reserved
1b
Do not use
4
CC_VCONN_DISCHARGE_EN
0b
(NVM)
0b: VCONN discharge disabled on CC pin
1b: VCONN discharge enabled for 250 ms on CC
pin
3:1 Reserved
000b
Do not use
0
CC_VCONN_SUPPLY_EN
1b
(NVM)
0b: VCONN supply capability disabled on CC pin
1b: VCONN supply capability enabled on CC pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com