Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1600 Datasheet(PDF) 44 Page - STMicroelectronics

Part # STUSB1600
Description  Power hubs and docking stations
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1600 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STUSB1600 Datasheet HTML 40Page - STMicroelectronics STUSB1600 Datasheet HTML 41Page - STMicroelectronics STUSB1600 Datasheet HTML 42Page - STMicroelectronics STUSB1600 Datasheet HTML 43Page - STMicroelectronics STUSB1600 Datasheet HTML 44Page - STMicroelectronics STUSB1600 Datasheet HTML 45Page - STMicroelectronics STUSB1600 Datasheet HTML 46Page - STMicroelectronics STUSB1600 Datasheet HTML 47Page - STMicroelectronics STUSB1600 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 69 page
background image
Application
STUSB1600
44/69
DocID028937 Rev 1
7
Application
The sections below are not part of the ST product specification. They are intended to give a
generic application overview to be used by the customer as a starting point for further
implementation and customization. ST does not warrant compliancy with customer
specifications. Full system implementation and validation are under the customer’s
responsibility.
7.1
General information
7.1.1
Power supplies
The STUSB1600 can be supplied in three different ways depending on the targeted
application:
Through the VDD pin only for applications powered by VBUS that operate either in
source power role or in sink power role with dead battery mode support.
Through the VSYS pin only for AC powered applications with a system power supply
delivering 3.3 V or 5 V.
Through the VDD and VSYS pins either for applications powered by a battery with
dead battery mode support or for applications powered by VBUS with a system power
supply delivering 3.3 V or 5 V. When both VDD and VSYS power supplies are present,
the low power supply VSYS is selected when VSYS voltage is above 3.1 V. Otherwise
VDD is selected.
7.1.2
Connection to MCU or application processor
The connection to an MCU or an application processor is optional.
When a connection through the I²C interface is implemented, it provides extensive
functionality during system operation. For instance, it may be used to:
1.
Define the port configuration during system boot (in case the NVM parameters are not
customized during manufacturing).
2.
Change the default configuration at any time during operation
3.
Re-configure the port power mode (i.e. source, sink or dual role)
4.
Adjust the port power capability in source power role according to contextual power
availability and/or the power partitioning with other ports.
5.
Save system power by shutting down the DC-DC converter according to the
attachment detection state.
6.
Provide a diagnostic of the Type-C connection and the VBUS power path in real time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com