Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1600 Datasheet(PDF) 40 Page - STMicroelectronics

Part # STUSB1600
Description  Power hubs and docking stations
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1600 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STUSB1600 Datasheet HTML 36Page - STMicroelectronics STUSB1600 Datasheet HTML 37Page - STMicroelectronics STUSB1600 Datasheet HTML 38Page - STMicroelectronics STUSB1600 Datasheet HTML 39Page - STMicroelectronics STUSB1600 Datasheet HTML 40Page - STMicroelectronics STUSB1600 Datasheet HTML 41Page - STMicroelectronics STUSB1600 Datasheet HTML 42Page - STMicroelectronics STUSB1600 Datasheet HTML 43Page - STMicroelectronics STUSB1600 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 69 page
background image
I2C register map
STUSB1600
40/69
DocID028937 Rev 1
5.1.18
CC_POWER_MODE_CTRL
Address: 28h
Access: R/W
Note: this register allows the default Type-C power mode to be changed if needed during an
operation. It requires that the hardware implementation of the targeted application is
consistent with the functioning of the new Type-C power mode selected.
Table 35. CC_POWER_MODE_CTRL register
Bit
Field name
Reset
Description
7:3
Reserved
0000b
Do not use
2:0
CC_POWER_MODE
011 (NVM)
000b: source power role with accessory support
001b: sink power role with accessory support
010b: sink power role without accessory support
011b: dual power role with accessory support
100b: dual power role with accessory and Try.SRC
support
101b: dual power role with accessory and Try.SNK
support
110b: do not use
111b: do not use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com