Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1600 Datasheet(PDF) 62 Page - STMicroelectronics

Part # STUSB1600
Description  Power hubs and docking stations
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1600 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button STUSB1600 Datasheet HTML 58Page - STMicroelectronics STUSB1600 Datasheet HTML 59Page - STMicroelectronics STUSB1600 Datasheet HTML 60Page - STMicroelectronics STUSB1600 Datasheet HTML 61Page - STMicroelectronics STUSB1600 Datasheet HTML 62Page - STMicroelectronics STUSB1600 Datasheet HTML 63Page - STMicroelectronics STUSB1600 Datasheet HTML 64Page - STMicroelectronics STUSB1600 Datasheet HTML 65Page - STMicroelectronics STUSB1600 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 69 page
background image
Electrical characteristics
STUSB1600
62/69
DocID028937 Rev 1
VTH1.6
Detection
threshold 6
Max Rd detection by source at
IP = IP-USB and IP = IP-1.5
1.50
1.60
1.65
V
VTH2.6
Detection
threshold 7
Max Rd detection by source at
IP-3.0, max CC voltage for
connected sink
2.45
2.60
2.75
V
VCONN protection
RVCONN
VCONN path
resistance
IVCONN = 0.2 A,
-40 °C < TA < 105 °C
0.25
0.5
0.975
IOCP
Overcurrent
protection
Programmable current limit
threshold (from 100 mA to
600mA by step of 50 mA)
85
300
550
100
350
600
125
400
650
mA
VOVP
Output-over
voltage
protection
5.9
6
6.1
V
VUVP
Input
undervoltage
protection
Low UVLO threshold
High UVLO threshold (default)
2.6
4.6
2.7
4.8
V
VBUS monitoring and driving
VTHUSB
VBUS presence
threshold
VSYS = 3.0 to 5.5 V
3.8
3.9
4.0
V
VTH0V
VBUS safe 0 V
threshold
(vSafe0V)
VSYS = 3.0 to 5.5 V, threshold
programmable from 0.6 V to 1.8
V, default VTHOV = 0.6 V
0.5
0.8
1.1
1.7
0.6
0.9
1.2
1.8
0.7
1.0
1.3
1.9
V
V
V
V
RDISUSB
VBUS discharge
resistor
600
700
800
TDISUSB
VBUS discharge
time to 0V
Coefficient TDISPARAM
programmable by NVM, default
TDISPARAM = 10, TDISUSB =
840 ms
70 *
TDISPA
RAM
84 *
TDISPAR
AM
100 *
TDISPA
RAM
ms
VMONUSBH
VBUS monitoring
high voltage
limit in source
power role
VBUS = 5.0 V nominal voltage,
threshold limit programmable by
NVM from VBUS+5% to
VBUS+20%, default VMONUSBH
Source = VBUS+12%
VBUS
+12%
V
VBUS monitoring
high voltage
limit in sink
power role
VBUS = 5.0 V nominal voltage,
threshold limit programmable by
NVM from VBUS+5% to
VBUS+20%, default VMONUSBH
Sink = VBUS+12%
VBUS
+12%
V
Table 50. Electrical characteristics (continued)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com