Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1600 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STUSB1600
Description  Power hubs and docking stations
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1600 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STUSB1600 Datasheet HTML 21Page - STMicroelectronics STUSB1600 Datasheet HTML 22Page - STMicroelectronics STUSB1600 Datasheet HTML 23Page - STMicroelectronics STUSB1600 Datasheet HTML 24Page - STMicroelectronics STUSB1600 Datasheet HTML 25Page - STMicroelectronics STUSB1600 Datasheet HTML 26Page - STMicroelectronics STUSB1600 Datasheet HTML 27Page - STMicroelectronics STUSB1600 Datasheet HTML 28Page - STMicroelectronics STUSB1600 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 69 page
background image
DocID028937 Rev 1
25/69
STUSB1600
I2C interface
69
Figure 5. Write operation
4.2
Timing specifications
The device uses a standard slave I²C channel at speed up to 400 kHz.
Table 15. I²C timing parameters - VDD = 5 V
Symbol
Parameter
Min.
Typ.
Max.
Unit
Fscl
SCL clock frequency
0
400
kHz
thd,sta
Hold time (repeated) START condition
0.6
μs
tlow
LOW period of the SCL clock
1.3
thigh
HIGH period of the SCL clock
0.6
tsu,dat
Setup time for repeated START condition
0.6
thd,dat
Data hold time
0.04
0.9
tsu,dat
Data setup time
100
tr
Rise time of both SDA and SCL signals
20 + 0.1 Cb
300
ns
tf
Fall time of both SDA and SCL signals
20 + 0.1 Cb
300
tsu,sto
Setup time for STOP condition
0.6
μs
tbuf
Bus free time between a STOP and START
condition
1.3
Cb
Capacitive load for each bus line
400
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com