Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1600 Datasheet(PDF) 38 Page - STMicroelectronics

Part # STUSB1600
Description  Power hubs and docking stations
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1600 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STUSB1600 Datasheet HTML 34Page - STMicroelectronics STUSB1600 Datasheet HTML 35Page - STMicroelectronics STUSB1600 Datasheet HTML 36Page - STMicroelectronics STUSB1600 Datasheet HTML 37Page - STMicroelectronics STUSB1600 Datasheet HTML 38Page - STMicroelectronics STUSB1600 Datasheet HTML 39Page - STMicroelectronics STUSB1600 Datasheet HTML 40Page - STMicroelectronics STUSB1600 Datasheet HTML 41Page - STMicroelectronics STUSB1600 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 69 page
background image
I2C register map
STUSB1600
38/69
DocID028937 Rev 1
5.1.13
VBUS_MONITORING_RANGE_CTRL
Address: 22h
Access: R/W
Note: this register allows the low and high limits of the VBUS monitoring voltage range to be
changed during attachment.
The VBUS voltage is fixed at 5.0 V. The nominal values of the high and low limits of the
VBUS monitoring voltage range are respectively VBUS+5% and VBUS-5%. Each coefficient
represents the fraction of VBUS voltage that is added to the nominal value of each limit to
determine the new threshold value.
When the STUSB1600 is in unattached state, the register takes the reset values. When a
device is attached, the register takes the values set in the NVM (see Section 6: Start-up
configuration) or the new ones set by software during attachment.
The register is valid for both power roles. Depending on whether the device operates in
source power role or sink power role, the register takes the values set in the NVM related to
the running power role.
5.1.14
RESET_CTRL
Address: 23h
Access: R/W
Note: this register allows the device to be reset by software.
The SW_RESET_EN bit acts as the hardware RESET pin except that the I2C control
registers are not reset to their default values. They keep the last changed value. The
SW_RESET_EN bit does not command the RESET pin.
Table 30. VBUS_MONITORING_RANGE_CTRL register
Bit
Field name
Reset
Description
7:4
SHIFT_HIGH_VBUS_LIMIT
0000b
(NVM)
Coefficient to shift nominal high voltage
limit from 1 % (0001b) to 15 % (1111b) of
VBUS voltage by step of 1 %
3:0
SHIFT_LOW_VBUS_LIMIT
0000b
(NVM)
Coefficient to shift nominal low voltage limit
from -1 % (0001b) to -15 % (1111b) of VBUS
voltage by step of -1 %
Table 31. RESET_CTRL register
Bit
Field name
Reset
Description
7:1
Reserved
000000b
Do not use
0
SW_RESET_EN
0b
0b: device reset is performed from hardware
RESET pin
1b: forces the device reset as long as this bit value
is set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com