Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1600 Datasheet(PDF) 53 Page - STMicroelectronics

Part # STUSB1600
Description  Power hubs and docking stations
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1600 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STUSB1600 Datasheet HTML 49Page - STMicroelectronics STUSB1600 Datasheet HTML 50Page - STMicroelectronics STUSB1600 Datasheet HTML 51Page - STMicroelectronics STUSB1600 Datasheet HTML 52Page - STMicroelectronics STUSB1600 Datasheet HTML 53Page - STMicroelectronics STUSB1600 Datasheet HTML 54Page - STMicroelectronics STUSB1600 Datasheet HTML 55Page - STMicroelectronics STUSB1600 Datasheet HTML 56Page - STMicroelectronics STUSB1600 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 69 page
background image
DocID028937 Rev 1
53/69
STUSB1600
Application
69
The value of the CC1 and CC2 pins is defined from a termination perspective and corresponds to the
termination presented by the connected device.
The CC_CONNECTION_STATUS register can report other values than the one presented in Table 43. In
this table, it reflects the state transitions in Type-C FSM that can be ignored from the application stand
point.
VCONN-
powered
accessory
attached
Rd
Ra
(Toggling)
Unattached.SNK
Unattached.Accessory
HiZ
OFF
HiZ
00h
Ra
Rd
HiZ
OFF
HiZ
00h
Table 43. Sink power role with accessory support (continued)
Connection
state
CC1
pin
CC2
pin
Type-C
device state
CC_OPERATION_STATUS
register @11h
A_B_SIDE
pin
VCONN
supply
VBUS_EN_SNK
pin
CC_CONNECTION_STATUS
register @0Eh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com