Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB1600 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STUSB1600
Description  Power hubs and docking stations
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1600 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STUSB1600 Datasheet HTML 4Page - STMicroelectronics STUSB1600 Datasheet HTML 5Page - STMicroelectronics STUSB1600 Datasheet HTML 6Page - STMicroelectronics STUSB1600 Datasheet HTML 7Page - STMicroelectronics STUSB1600 Datasheet HTML 8Page - STMicroelectronics STUSB1600 Datasheet HTML 9Page - STMicroelectronics STUSB1600 Datasheet HTML 10Page - STMicroelectronics STUSB1600 Datasheet HTML 11Page - STMicroelectronics STUSB1600 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 69 page
background image
Inputs/outputs
STUSB1600
8/69
DocID028937 Rev 1
2.2
Pin list
Table 2. Pin function list
Pin
Name
Type
Description
Typical Connection
1
CC1DB
HV AIO
Dead battery enable on CC1 pin
CC1 pin if used or ground
2
CC1
HV AIO
Type-C configuration channel 1
Type-C receptacle A5
3
VCONN
PWR
Power input for active plug
5 V power source
4
CC2
HV AIO
Type-C configuration channel 2
Type-C receptacle B5
5
CC2DB
HV AIO
Dead battery enable on CC2 pin
CC2 pin if used or ground
6
RESET
DI
Reset input (active high)
7
SCL
DI
I2C clock input
To I²C master, ext. pull-up
8
SDA
DI/OD
I2C data input/output, active low open
drain
To I²C master, ext. pull-up
9ALERT#
OD
I2C interrupt, active low open drain
To I²C master, ext. pull-up
10
GND
GND
Ground
Ground
11
VBUS_VALID
OD
VBUS detection, active low open drain To MCU if any, ext. pull-up
12
ATTACH
OD
Attachment detection, active low open
drain
To MCU if any, ext. pull-up
13
ADDR0
DI
I²C device address setting (see
Section 4: I2C interface)
Static
14
DEBUG1
OD
Debug accessory device detection in
sink power role, active low open drain
To MCU if any, ext. pull-up
15
DEBUG2
OD
Debug accessory device detection in
source power role, active low open
drain
To MCU if any, ext. pull-up
16
NC
Floating
17
A_B_SIDE
OD
Cable orientation, active low open
drain
USB super speed mux select,
ext. pull-up
18
VBUS_SENSE
HV AI
VBUS voltage monitoring and
discharge path
From VBUS
19
VBUS_EN_SNK
HV OD
VBUS sink power path enable, active
low open drain
To switch or power system,
ext. pull-up
20
VBUS_EN_SRC
HV OD
VBUS source power path enable,
active low open drain
To switch or power system,
ext. pull-up
21
VREG_1V2
PWR
1.2 V internal regulator output
1 µF typ. decoupling capacitor
22
VSYS
PWR
Power supply from system
From power system, connect
to ground if not used
23
VREG_2V7
PWR
2.7 V internal regulator output
1 µF typ. decoupling capacitor
24
VDD
HV PWR
Power supply from USB power line
From VBUS
EP
GND
Exposed pad is connected to ground
To ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com