Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3661 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about AS3661 Datasheet

  • # Example questions: ➢ What is the typical switching frequency (fsw) of the charge pump?
    ➢ What is the recommended maximum charge pump load current (iload)?
    ➢ What is the typical standby supply current (ivbat) when the chip is disabled (en = 0v or chip_en=0) and the external 32 khz clock is running or not running?

  • Part No.AS3661
    ManufacturerAMSCO
    Size3Mb
    Pages87 pages
    DescriptionProgrammable 9-channel LED Dr iver
    Datasheet Summary with AI

    1. General Operating Conditions

    ️· Supply Voltage (VBAT): 2.7V to 5.5V
    ️· Standby Supply Current (IVBAT - EN=0): 1.4 µA to 4 µA (with external 32kHz clock running or not)
    ️· Normal Mode Supply Current (External 32kHz clock running, outputs disabled): 0.16 mA to 0.22 mA
    ️· Power Save Mode Supply Current (External 32kHz clock running): 3.1 µA to 5 µA
    ️· Internal Oscillator Frequency Accuracy:
    - -4% to +4% at 25°C
    - -7% to +7%
    ️· Operating Temperature: -30°C to +85°C

    2. Charge Pump Parameters

    ️· Charge Pump Output Resistance (ROUT): Varies depending on gain and VBAT voltage:
    - Gain = 1.5, VBAT = 2.9V: 6 Ω
    - Gain = 1, VBAT = 2.9V: 1 Ω
    - Gain = 1.5, VBAT = 3.6V: 1.4 Ω
    - Gain = 1, VBAT = 3.6V: 1 Ω
    ️· Switching Frequency (fSW): 1.2 MHz to 1.3 MHz
    ️· Ground Current (IGND): 1.2 mA to 2.5 mA
    ️· VCP Turn-On Time: 100 µs
    ️· Recommended Charge Pump Load Current: 0 mA to 100 mA

    3. LED Driver Parameters

    ️· Leakage Current (ILEAK - PWM=0%): 0.1 µA to 1 µA (per LED output)
    ️· Maximum Source Current (IMAX): 25.5 mA (per LED output)
    ️· Output Current Accuracy (at 17.5mA, 25°C): -2.5% to +2.5%
    ️· Output Current Accuracy (at 17.5mA): -5% to +5%
    ️· Matching Accuracy (LED output current): 1% to 2.5%
    ️· LED Switching Frequency (fLED): 312 Hz
    ️· Saturation Voltage (VSAT - at 17.5mA): 45mV to 100mV

    IMPORTANT NOTES & CAVEATS:

    ️· Typical vs. Minimum/Maximum: The datasheet excerpt emphasizes *minimum* and *maximum* values. "Typ" values are typical values and not guaranteed. Design should not rely solely on "Typ" values.
    ️· Conditions: *Read the conditions associated with each parameter.* The values are only valid *if* the specified conditions are met. Varying conditions (temperature, voltage, load) will alter the parameter values.
    ️· Gain: The charge pump output resistance (ROUT) is heavily dependent on the gain setting. Be certain to account for this when designing your circuit.
    ️· Application: This is an excerpt; it doesn't describe the entire functionality. Consult the full datasheet for complete details, application notes, and layout recommendations.
    ️· Footnotes: Pay very close attention to the footnotes in the original data sheet. They define the conditions and test setups used to obtain the given values.
    ️· Design margin: It's crucial to include sufficient design margin. The datasheet provides minimum and maximum values. Real-world performance can vary, so avoid operating close to these limits.

    1. General Operating Conditions

    ️· Supply Voltage (VBAT): 2.7V to 5.5V
    ️· Standby Supply Current (IVBAT - EN=0): 1.4 µA to 4 µA (with external 32kHz clock running or not)
    ️· Normal Mode Supply Current (External 32kHz clock running, outputs disabled): 0.16 mA to 0.22 mA
    ️· Power Save Mode Supply Current (External 32kHz clock running): 3.1 µA to 5 µA
    ️· Internal Oscillator Frequency Accuracy:
    - -4% to +4% at 25°C
    - -7% to +7%
    ️· Operating Temperature: -30°C to +85°C

    2. Charge Pump Parameters

    ️· Charge Pump Output Resistance (ROUT): Varies depending on gain and VBAT voltage:
    - Gain = 1.5, VBAT = 2.9V: 6 Ω
    - Gain = 1, VBAT = 2.9V: 1 Ω
    - Gain = 1.5, VBAT = 3.6V: 1.4 Ω
    - Gain = 1, VBAT = 3.6V: 1 Ω
    ️· Switching Frequency (fSW): 1.2 MHz to 1.3 MHz
    ️· Ground Current (IGND): 1.2 mA to 2.5 mA
    ️· VCP Turn-On Time: 100 µs
    ️· Recommended Charge Pump Load Current: 0 mA to 100 mA

    3. LED Driver Parameters

    ️· Leakage Current (ILEAK - PWM=0%): 0.1 µA to 1 µA (per LED output)
    ️· Maximum Source Current (IMAX): 25.5 mA (per LED output)
    ️· Output Current Accuracy (at 17.5mA, 25°C): -2.5% to +2.5%
    ️· Output Current Accuracy (at 17.5mA): -5% to +5%
    ️· Matching Accuracy (LED output current): 1% to 2.5%
    ️· LED Switching Frequency (fLED): 312 Hz
    ️· Saturation Voltage (VSAT - at 17.5mA): 45mV to 100mV

    IMPORTANT NOTES & CAVEATS:

    ️· Typical vs. Minimum/Maximum: The datasheet excerpt emphasizes *minimum* and *maximum* values. "Typ" values are typical values and not guaranteed. Design should not rely solely on "Typ" values.
    ️· Conditions: *Read the conditions associated with each parameter.* The values are only valid *if* the specified conditions are met. Varying conditions (temperature, voltage, load) will alter the parameter values.
    ️· Gain: The charge pump output resistance (ROUT) is heavily dependent on the gain setting. Be certain to account for this when designing your circuit.
    ️· Application: This is an excerpt; it doesn't describe the entire functionality. Consult the full datasheet for complete details, application notes, and layout recommendations.
    ️· Footnotes: Pay very close attention to the footnotes in the original data sheet. They define the conditions and test setups used to obtain the given values.
    ️· Design margin: It's crucial to include sufficient design margin. The datasheet provides minimum and maximum values. Real-world performance can vary, so avoid operating close to these limits.

    Part No.AS3661
    ManufacturerAMSCO
    Size3Mb
    Pages87 pages
    DescriptionProgrammable 9-channel LED Dr iver