Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3661 Datasheet(PDF) 73 Page - ams AG

Part # AS3661
Description  Programmable 9-channel LED Dr iver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3661 Datasheet(HTML) 73 Page - ams AG

Back Button AS3661 Datasheet HTML 69Page - ams AG AS3661 Datasheet HTML 70Page - ams AG AS3661 Datasheet HTML 71Page - ams AG AS3661 Datasheet HTML 72Page - ams AG AS3661 Datasheet HTML 73Page - ams AG AS3661 Datasheet HTML 74Page - ams AG AS3661 Datasheet HTML 75Page - ams AG AS3661 Datasheet HTML 76Page - ams AG AS3661 Datasheet HTML 77Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 87 page
background image
www.austriamicrosystems.com
Revision 1.3
72 - 85
AS3661
Datasheet - D e t a i l e d D e s c r i p t i o n
8.13.2.1 MLE Application Example
In this example we want to set the end address for the LED mapping table to 85d.
COMPILER COMMAND SYNTAX EXAMPLE: MLE, 85;
8.13.3 MUX_MAP_START
Mux_map_start defines the mapping table start address in the memory and the first row of the table will be activated
(mapped) at the same time.
COMPILER COMMAND SYNTAX: MMP, SRAM address[7];
8.13.3.1 MMP Application Example
In the example we would like to set the start address to 80d. In addition to the definition of the start address of the
mapping table the first LED mapping defined at address 80d gets activated. The difference to the MUSX_LD_START
command, described in one of the previous sections, is that it only defines the start address without activating the LED
mapping.
COMPILER COMMAND SYNTAX EXAMPLE: MMP, 80;
8.13.4 MUX_SEL
With mux_sel instruction one, and only one, LED driver (or the GPO-pin) can be connected to a program execution
engine. Connecting multiple LEDs to one engine is done with the mapping table. After the mapping has been released
from an LED, PWM register value will still control the LED brightness. If the mapping is released from the GPO pin,
serial bus control takes over the GPO state.
COMPILER COMMAND SYNTAX: MSL, LED Select[6]
8.13.4.1 MSL Application Example
In this example we would like to use the MSL command to map a single LED to a execution engine. Usually we do this
with the mapping table but in case we want to use only a single LED on one sequencer it is possible to use the MSL
command. The example command below shows the mapping of LED2 to the program execution engine.
COMPILER COMMAND SYNTAX EXAMPLE: MSL, 2;
8.13.5 MUX_CLR
Mux_clr clears engine-to-driver mapping. After the mapping has been released from an LED, PWM register value will
still control the LED brightness. If the mapping is released from the GPO pin, serial bus control takes over the GPO
state.
COMPILER COMMAND SYNTAX: MCL;
This command doesn’t support any parameters.
Table 82. MMP Parameter Description
Name
Value
Description
SRAM address
0-95
Mapping table start address
Table 83. MSL Parameter Description
Name
Value
Description
LED Select
0-16
0
no drivers selected
1
LED1 selected
2
LED2 selected
....
....
16
GPO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com