Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3661 Datasheet(PDF) 30 Page - ams AG

Part # AS3661
Description  Programmable 9-channel LED Dr iver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3661 Datasheet(HTML) 30 Page - ams AG

Back Button AS3661 Datasheet HTML 26Page - ams AG AS3661 Datasheet HTML 27Page - ams AG AS3661 Datasheet HTML 28Page - ams AG AS3661 Datasheet HTML 29Page - ams AG AS3661 Datasheet HTML 30Page - ams AG AS3661 Datasheet HTML 31Page - ams AG AS3661 Datasheet HTML 32Page - ams AG AS3661 Datasheet HTML 33Page - ams AG AS3661 Datasheet HTML 34Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 87 page
background image
www.austriamicrosystems.com
Revision 1.3
29 - 85
AS3661
Datasheet - D e t a i l e d D e s c r i p t i o n
36
MISC
[7]
R/W
0xxxxxxx
VARIABLE_D_SEL
Variable LED source selection
[6]
x1xxxxxx
EN_AUTO_INCR
Serial bus address auto increment enable
[5]
xx0xxxxx
POWERSAVE_EN
Powersave mode enable
[4:3]
xxx00xxx
CP_MODE
Charge pump gain selection
[2]
xxxxx0xx
PWM_PS_EN
PWM cycle powersave enable
[1]
xxxxxx0x
CLK_DET_EN
External clock detection
[0]
xxxxxxx0
INT_CLK_EN
Clock source selection
37
ENGINE1 PC
[6:0]
R/W
x0000000
PC Program counter for engine 1
38
ENGINE2 PC
[6:0]
R/W
x0000000
PC Program counter for engine 2
39
ENGINE3 PC
[6:0]
R/W
x0000000
PC Program counter for engine 3
3A
STATUS /
INTERRUPT
[7]
R
0xxxxxxx
LEDTEST_MEAS_DONE
Indicates when the LED test measurement is
done.
[6]
x1xxxxxx
MASK_BUSY
Mask bit for interrupts generated by
STARTUP_BUSY or ENGINE_BUSY
[5]
xx0xxxxx
STARTUP_BUSY
This bit indicates that the start-up sequence
is running
[4]
xxx0xxxx
ENGINE_BUSY
This bit indicates that a program execution
engine is clearing internal registers
[3]
xxxx0xxx
EXT_CLK_USED
Indicates when external clock signal is in use
[2]
xxxxx0xx
ENG1_INT
Interrupt bit for program execution engine 1
[1]
xxxxxx0x
ENG2_INT
Interrupt bit for program execution engine 2
[0]
xxxxxxx0
ENG3_INT
Interrupt bit for program execution engine 3
3B
GPO
[2]
R/W
xxxxx0xx
INT_CONF
INT pin can be configured to function as a
GPO with this bit
[1]
xxxxxx0x
GPO pin control
[0]
xxxxxxx0
INT_GPO
GPO pin control for INT pin (when
INT_CONF is set "1")
3C
VARIABLE
[7:0]
R/W
00000000
VARIABLE
Global 8-bit variable
Table 7. Description of Registers
Hex
Address
Register Name
Bit(s)
Type
Default Value
After Reset
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com