Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3661 Datasheet(PDF) 57 Page - ams AG

Part # AS3661
Description  Programmable 9-channel LED Dr iver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3661 Datasheet(HTML) 57 Page - ams AG

Back Button AS3661 Datasheet HTML 53Page - ams AG AS3661 Datasheet HTML 54Page - ams AG AS3661 Datasheet HTML 55Page - ams AG AS3661 Datasheet HTML 56Page - ams AG AS3661 Datasheet HTML 57Page - ams AG AS3661 Datasheet HTML 58Page - ams AG AS3661 Datasheet HTML 59Page - ams AG AS3661 Datasheet HTML 60Page - ams AG AS3661 Datasheet HTML 61Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 87 page
background image
www.austriamicrosystems.com
Revision 1.3
56 - 85
AS3661
Datasheet - D e t a i l e d D e s c r i p t i o n
8.10.16 TEMPERATURE WRITE
Note: When writing temperature data outside the range of the temperature compensation: Values greater than 89°C
will be set to 89°C; values less than -38°C will be set to -38°C.
8.10.17 LED TEST CONTROL
Table 51. TEMPERATURE WRITE Register
Register: 0x40
TEMPERATURE WRITE
Bit
Bit Name
Default
Access
Bit Description
7:0
TEMPERATURE
_WRITE
0000 0000
R/W
These bits are used for storing an 8-bit temperature reading
acquired from an external temperature sensor, if such a sensor
is used. Temperature reading is stored in 8-bit two's
complement format, see the table below.
1101 1010: -38°C
...
0001 1001: 25°C
...
0101 1000: 88°C
0101 1001: 89°C
Table 52. LED TEST CONTROL Register
Register: 0x41
LED TEST CONTROL
Bit
Bit Name
Default
Access
Bit Description
7
EN_LED_TEST
_ADC
0
R/W
Writing this bit high (1) fires single LED test conversation. Thus
each time you want to start a conversion it is necessary to
write a “1” to this register. The measurement cycle is 2.7
milliseconds per conversion.
0: LED test measurement disabled.
1: LED test measurement enabled
6
EN_LED_TEST_INT
0
R/W
This register enabled the interrupt for the LED test ADC.
Interrupt can be cleared by reading STATUS/INTERRUPT
register 0x3A.
0: no interrupt signal will be send to the INT pin when the
LED test is accomplished.
1: interrupt signal will be send to the INT pin when the LED test
is accomplished.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com