Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3661 Datasheet(PDF) 48 Page - ams AG

Part # AS3661
Description  Programmable 9-channel LED Dr iver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3661 Datasheet(HTML) 48 Page - ams AG

Back Button AS3661 Datasheet HTML 44Page - ams AG AS3661 Datasheet HTML 45Page - ams AG AS3661 Datasheet HTML 46Page - ams AG AS3661 Datasheet HTML 47Page - ams AG AS3661 Datasheet HTML 48Page - ams AG AS3661 Datasheet HTML 49Page - ams AG AS3661 Datasheet HTML 50Page - ams AG AS3661 Datasheet HTML 51Page - ams AG AS3661 Datasheet HTML 52Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 87 page
background image
www.austriamicrosystems.com
Revision 1.3
47 - 85
AS3661
Datasheet - D e t a i l e d D e s c r i p t i o n
Table 28. LED6 PWM Register
Register: 0x1B
LED6 PWM
Bit
Bit Name
Default
Access
Bit Description
7:0
LED6_PWM
0000 0000
R/W
This register controls the duty cycle of LED6 PWM output.
0000 0000: 0% Duty Cycle
0000 0001: 0.3921% Duty Cycle
0000 0010: 0.7843% Duty Cycle
0000 0011: 1.1765% Duty Cycle
....
1111 1111: 100% Duty Cycle
Table 29. LED7 PWM Register
Register: 0x1C
LED7 PWM
Bit
Bit Name
Default
Access
Bit Description
7:0
LED7_PWM
0000 0000
R/W
This register controls the duty cycle of LED7 PWM output.
0000 0000: 0% Duty Cycle
0000 0001: 0.3921% Duty Cycle
0000 0010: 0.7843% Duty Cycle
0000 0011: 1.1765% Duty Cycle
....
1111 1111: 100% Duty Cycle
Table 30. LED8 PWM Register
Register: 0x1D
LED8 PWM
Bit
Bit Name
Default
Access
Bit Description
7:0
LED8_PWM
0000 0000
R/W
This register controls the duty cycle of LED8 PWM output.
0000 0000: 0% Duty Cycle
0000 0001: 0.3921% Duty Cycle
0000 0010: 0.7843% Duty Cycle
0000 0011: 1.1765% Duty Cycle
....
1111 1111: 100% Duty Cycle
Table 31. LED9 PWM Register
Register: 0x1E
LED9 PWM
Bit
Bit Name
Default
Access
Bit Description
7:0
LED9_PWM
0000 0000
R/W
This register controls the duty cycle of LED9 PWM output.
0000 0000: 0% Duty Cycle
0000 0001: 0.3921% Duty Cycle
0000 0010: 0.7843% Duty Cycle
0000 0011: 1.1765% Duty Cycle
....
1111 1111: 100% Duty Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com