Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3661 Datasheet(PDF) 33 Page - ams AG

Part # AS3661
Description  Programmable 9-channel LED Dr iver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3661 Datasheet(HTML) 33 Page - ams AG

Back Button AS3661 Datasheet HTML 29Page - ams AG AS3661 Datasheet HTML 30Page - ams AG AS3661 Datasheet HTML 31Page - ams AG AS3661 Datasheet HTML 32Page - ams AG AS3661 Datasheet HTML 33Page - ams AG AS3661 Datasheet HTML 34Page - ams AG AS3661 Datasheet HTML 35Page - ams AG AS3661 Datasheet HTML 36Page - ams AG AS3661 Datasheet HTML 37Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 87 page
background image
www.austriamicrosystems.com
Revision 1.3
32 - 85
AS3661
Datasheet - D e t a i l e d D e s c r i p t i o n
58
PROGRAM
MEMORY
04H/14H/24H/34H/
44H/54H
[15:8]
R/W
00000000
CMD
Every Instruction is 16–bit width. The
AS3661 can store 96 instructions. Each
instruction consists of 16 bits. Because one
register has only 8 bits, one instruction
requires two register addresses. In order to
reduce program load time the AS3661
supports address auto-incrementation.
Register address is incremented after each 8
data bits. Thus the whole program memory
page can be written in one serial bus write
sequence.
59
[7:0]
00000000
5A
PROGRAM
MEMORY
05H/15H/25H/35H/
45H/55H
[15:8]
R/W
00000000
5B
[7:0]
00000000
5C
PROGRAM
MEMORY
06H/16H/26H/36H/
46H/56H
[15:8]
R/W
00000000
5D
[7:0]
00000000
5E
PROGRAM
MEMORY
07H/17H/27H/37H/
47H/57H
[15:8]
R/W
00000000
5F
[7:0]
00000000
60
PROGRAM
MEMORY
08H/18H/28H/38H/
48H/58H
[15:8]
R/W
00000000
61
[7:0]
00000000
62
PROGRAM
MEMORY
09H/19H/29H/39H/
49H/59H
[15:8]
R/W
00000000
63
[7:0]
00000000
64
PROGRAM
MEMORY
0AH/1AH/2AH/3AH/
4AH/5AH
[15:8]
R/W
00000000
65
[7:0]
00000000
66
PROGRAM
MEMORY
0BH/1BH/2BH/3BH/
4BH/5BH
[15:8]
R/W
00000000
67
[7:0]
00000000
68
PROGRAM
MEMORY
0CH/1CH/2CH/
3CH/4CH/5CH
[15:8]
R/W
00000000
69
[7:0]
00000000
6A
PROGRAM
MEMORY
0DH/1DH/2DH/36D/
46D/5DH
[15:8]
R/W
00000000
6B
[7:0]
00000000
6C
PROGRAM
MEMORY
0EH/1EH/2EH/3EH/
4EH/5EH
[15:8]
R/W
00000000
6D
[7:0]
00000000
6E
PROGRAM
MEMORY
0FH/1FH/2FH/3FH/
4FH/5FH
[15:8]
R/W
00000000
6F
[7:0]
00000000
70
ENG1 MAPPING
MSB
[7]
R
0xxxxxxx
GPO
Engine 1 mapping information, GPO pin
[0]
xxxxxxx0
D9
Engine 1 mapping information, D9 output
Table 7. Description of Registers
Hex
Address
Register Name
Bit(s)
Type
Default Value
After Reset
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com