Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3661 Datasheet(PDF) 55 Page - ams AG

Part # AS3661
Description  Programmable 9-channel LED Dr iver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3661 Datasheet(HTML) 55 Page - ams AG

Back Button AS3661 Datasheet HTML 51Page - ams AG AS3661 Datasheet HTML 52Page - ams AG AS3661 Datasheet HTML 53Page - ams AG AS3661 Datasheet HTML 54Page - ams AG AS3661 Datasheet HTML 55Page - ams AG AS3661 Datasheet HTML 56Page - ams AG AS3661 Datasheet HTML 57Page - ams AG AS3661 Datasheet HTML 58Page - ams AG AS3661 Datasheet HTML 59Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 87 page
background image
www.austriamicrosystems.com
Revision 1.3
54 - 85
AS3661
Datasheet - D e t a i l e d D e s c r i p t i o n
8.10.11 GPO
AS3661 has one General Purpose Output pin (GPO). Status of the pin can be controlled with this register. Also, INT
pin can be configured to function as a GPO by setting the bit EN_GPO_INT. When INT is configured to function as a
GPO, output level is defined by the VBAT voltage.
When INT pin’s GPO function is disabled, it operates as an open drain pin. INT signal is active low, i.e. when interrupt
signal is send, the pin is pulled to GND. External pull-up resistor is needed for proper functionality.
8.10.12 VARIABLE
The variable can be sued to store data in order to control for example the data flow.
8.10.13 RESET
Table 46. GPO Register
Register: 0x3B
GPO
Bit
Bit Name
Default
Access
Bit Description
2
INT_CONF
0
R/W
This bit defines the function of GPO pin. It can either be
configures as interrupt pin or as general purpose output pin.
0: INT pin is set to function as an interrupt pin.
1: INT pin is configured to function as a GPO.
1
GPO
0
R/W
This register controls the state of pin GPO.
0: GPO pin state is low.
1: GPO pin state is high. GPO pin is a digital CMOS output,
and no pulldown resistor is needed.
0
INT_GPO
0
R/W
If INT pin is defined as general purpose output (INT_CONF bit
must be set to”1”), it is possible to control the INT pin with this
bit.
0: INT pin state is low (if INT_CONF = 1).
1: INT pin state is high (if INT_CONF = 1).
Table 47. GPO Register
Register: 0x3C
GPO
Bit
Bit Name
Default
Access
Bit Description
7:0
VARIABLE_D
0000 0000
R/W
These bits are used for storing a global 8–bit variable. Variable
can be used to control program flow.
Table 48. RESET Register
Register: 0x3D
RESET
Bit
Bit Name
Default
Access
Bit Description
7:0
RESET
0000 0011
R/W
Writing 11111111 into this register resets the AS3661. Internal
registers are reset to the default values. Reading RESET
register returns 00000011.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com