Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3661 Datasheet(PDF) 84 Page - ams AG

Part # AS3661
Description  Programmable 9-channel LED Dr iver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3661 Datasheet(HTML) 84 Page - ams AG

Back Button AS3661 Datasheet HTML 79Page - ams AG AS3661 Datasheet HTML 80Page - ams AG AS3661 Datasheet HTML 81Page - ams AG AS3661 Datasheet HTML 82Page - ams AG AS3661 Datasheet HTML 83Page - ams AG AS3661 Datasheet HTML 84Page - ams AG AS3661 Datasheet HTML 85Page - ams AG AS3661 Datasheet HTML 86Page - ams AG AS3661 Datasheet HTML 87Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 84 / 87 page
background image
www.austriamicrosystems.com
Revision 1.3
83 - 85
AS3661
Datasheet - P a c k a g e D r a w i n g s a n d M a r k i n g s
10 Package Drawings and Markings
Figure 38. WL-CSP-25 (2.285x2.285mm) 0.4mm pitch Marking
Note:
Line 1:
austriamicrosystems logo
Line 2:
AS3661
Line 3:
<Code>
Encoded Datecode (4 characters)
Figure 39. WL-CSP-25 (2.285x2.285mm) 0.4mm pitch Package Dimensions
AS3661
<Code>
Top View (through)
Bottom View (Ball Side)
1
2
3
Pin A1
Indicator
A
B
C
D
1
2
3
A
B
C
D
A
B
C
D
A
B
C
D
4
5
4
5
E
E
E
E
5
4
3
2
1
5
4
3
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com