Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3661 Datasheet(PDF) 40 Page - ams AG

Part # AS3661
Description  Programmable 9-channel LED Dr iver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3661 Datasheet(HTML) 40 Page - ams AG

Back Button AS3661 Datasheet HTML 36Page - ams AG AS3661 Datasheet HTML 37Page - ams AG AS3661 Datasheet HTML 38Page - ams AG AS3661 Datasheet HTML 39Page - ams AG AS3661 Datasheet HTML 40Page - ams AG AS3661 Datasheet HTML 41Page - ams AG AS3661 Datasheet HTML 42Page - ams AG AS3661 Datasheet HTML 43Page - ams AG AS3661 Datasheet HTML 44Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 87 page
background image
www.austriamicrosystems.com
Revision 1.3
39 - 85
AS3661
Datasheet - D e t a i l e d D e s c r i p t i o n
8.10.5 LEDx Control
These registers are used to assign the any current source output to the MASTER FADER group 1, 2, or 3, or none of
them. Also, the registers set the slope of the current sources output temperature compensation line and selects
between linear and logarithmic PWM brightness adjustment. By using logarithmic PWM-scale the visual effect looks
like linear. When the logarithmic adjustment is enabled, the chip handles internally PWM values with 12-bit resolution.
This allows very fine-grained PWM control at low PWM duty cycles. If a MASTER FADER is selected for an output, the
duty cycle on the output will be LED1 PWM register value (address 0x16) multiplied with the value in the MASTER
FADER register.
Besides the LED mapping and linear or logarithmic selection it is also possible to do a temperature compensation for
each output separately. The PWM duty cycle at temperature T (in centigrade) can be obtained as follows: PWMF =
[PWMS - (25 - T) * slope * PWMS] / 2, where PWMF is the final duty cycle at temperature T, PWMS is the set PWM duty
cycle (PWM duty cycle is set in registers 16H to 1EH) and the value of the correction factor is obtained from Table 8.
For example, if the set PWM duty cycle in register 16H is 90%, temperature T is -10°C and the chosen s lope is +1.5 1/
°C, the final duty cycle PWMF for LED1 output will be [90% - (25°C - (-10°C))* 1.5 1/°C * 90%]/2 = [90 % - 35 * 1.5 *
90%]/2 = 21.4%. Default setting 00000 means that the temperature compensation is non-active and the PWM output
(0 to 100%) is set solely by PWM registers LED1 PWM to LED9 PWM.
Table 14. LED1 CONTROL Register
Register: 0x06
LED1 CONTROL
Bit
Bit Name
Default
Access
Bit Description
7:6
LED1_MAPPING
00
R/W
This register defines the mapping of LED1 output to the master
faders. The faders can either be used for dimming several
LEDs in parallel or for ratiometric control of the output.
00: no master fader selected
01: MASTER FADER 1 controls LED1 output
10: MASTER FADER 2 controls LED1 output
11: MASTER FADER 3 controls LED1 output
5
LED1_LOG_EN
0
R/W
This bit is effective for both, program execution engine and
direct PWM control.
0: linear adjustment.
1: logarithmic adjustment.
4:0
LED1_TEMP_COMP
0 0000
R/W
The reference temperature is +25°C (i.e. the temper ature at
which all slope settings have no effect) and the temperature
coefficient (slope) can be set in 0.1 1/°C steps to any value
between -1.5 1/°C and +1.5 1/°C, with a default to 0.0 1/°C
11111: -1.5 1/°C
11110: -1.4 1/°C
...
00000: temperature compensation not activated
...
01110: +1.4 1/°C
01111: +1.5 1/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com