Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3661 Datasheet(PDF) 11 Page - ams AG

Part # AS3661
Description  Programmable 9-channel LED Dr iver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3661 Datasheet(HTML) 11 Page - ams AG

Back Button AS3661 Datasheet HTML 7Page - ams AG AS3661 Datasheet HTML 8Page - ams AG AS3661 Datasheet HTML 9Page - ams AG AS3661 Datasheet HTML 10Page - ams AG AS3661 Datasheet HTML 11Page - ams AG AS3661 Datasheet HTML 12Page - ams AG AS3661 Datasheet HTML 13Page - ams AG AS3661 Datasheet HTML 14Page - ams AG AS3661 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 87 page
background image
www.austriamicrosystems.com
Revision 1.3
10 - 85
AS3661
Datasheet - E l e c t r i c a l C h a r a c t e r i s t i c s
Figure 3. I
2C mode Timing Diagram
.
3. Output current accuracy is the difference between actual value of the output current and programmed value of
this current. IMATCH is determined as follows:
For the constant current D1 to D9, the following are determined: The maximum current (max) and the minimum
current (min), then the IMATCH is calculated with: IMATCH = 100*(((max-min)/2)+((max+min)/2))/((max+min)/2)-
100
4. Saturation voltage is defined as the voltage when the LED current has dropped 10% from the value measured
at VCP - 1V.
5. Total unadjusted error includes offset, full-scale and linearity errors.
6. The I2C host should allow at least 500µs before sending data the AS3661after the rising edge of the enable
line.
Table 4. Electrical Characteristics I
2
C
1
Symbol
Parameter
Condition
Min
Typ
Max
Unit
I
2C mode timings - see Figure 3 on page 10
fSCLK
SCL Clock Frequency
0
400
kHz
tBUF
Bus Free Time
Between a STOP and
START Condition
1.3
µs
tHD:STA
Hold Time (Repeated)
START Condition
2
0.6
µs
tLOW
LOW Period of SCL
Clock
1.3
µs
tHIGH
HIGH Period of SCL
Clock
0.6
µs
SCL
SDA
tBUF
tHD:STA
tSU:STA
REPEATED
START
tSU:STO
tF
tSU:DAT
tHIGH
tHD:DAT
tR
tLOW
tHD:STA
START
STOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com