Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3661 Datasheet(PDF) 23 Page - ams AG

Part # AS3661
Description  Programmable 9-channel LED Dr iver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3661 Datasheet(HTML) 23 Page - ams AG

Back Button AS3661 Datasheet HTML 19Page - ams AG AS3661 Datasheet HTML 20Page - ams AG AS3661 Datasheet HTML 21Page - ams AG AS3661 Datasheet HTML 22Page - ams AG AS3661 Datasheet HTML 23Page - ams AG AS3661 Datasheet HTML 24Page - ams AG AS3661 Datasheet HTML 25Page - ams AG AS3661 Datasheet HTML 26Page - ams AG AS3661 Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 87 page
background image
www.austriamicrosystems.com
Revision 1.3
22 - 85
AS3661
Datasheet - D e t a i l e d D e s c r i p t i o n
8.8 I2C Compatible Control Interface
The AS3661 supports the I
2C bus protocol. A device that sends data onto the bus is defined as a transmitter and a
device receiving data as a receiver. The device that controls the message is called a master. The devices that are
controlled by the master are referred to as slaves. A master device that generates the serial clock (SCL), controls the
bus access, and generates the START and STOP conditions must control the bus. The AS3661 operates as a slave on
the I
2C bus. Within the bus specifications a standard mode (100kHz maximum clock rate) and a fast mode (400kHz
maximum clock rate) are defined. The AS3661 works in both modes. Connections to the bus are made through the
open-drain I/O lines SDA and SCLTable 5
8.8.1 I
2C Address selection
The slave address can be selected depending on the connection of the two address selection pins ASEL0 and ASEL1.
The selected address for reading and writing depending on the state of ASEL0 and ASEL1 can be found inTable 5
below.
The following bus protocol has been defined (Figure 25):
Data transfer may be initiated only when the bus is not busy.
During data transfer, the data line must remain stable whenever the clock line is HIGH. Changes in the data line
while the clock line is HIGH are interpreted as control signals.
Accordingly, the following bus conditions have been defined:
8.8.2 Bus Not Busy
Both data and clock lines remain HIGH.
8.8.3 Start Data Transfer
A change in the state of the data line, from HIGH to LOW, while the clock is HIGH, defines a START condition.
8.8.4 Stop Data Transfer
A change in the state of the data line, from LOW to HIGH, while the clock line is HIGH, defines the STOP condition.
8.8.5 Data Valid
The state of the data line represents valid data when, after a START condition, the data line is stable for the duration of
the HIGH period of the clock signal. The data on the line must be changed during the LOW period of the clock signal.
There is one clock pulse per bit of data.
Each data transfer is initiated with a START condition and terminated with a STOP condition. The number of data bytes
transferred between START and STOP conditions are not limited, and are determined by the master device. The
information is transferred byte-wise and each receiver acknowledges with a ninth bit.
8.8.6 Acknowledge
Each receiving device, when addressed, is obliged to generate an acknowledge after the reception of each byte. The
master device must generate an extra clock pulse that is associated with this acknowledge bit.
Table 5. Chip Address Configuration
ASEL1
ASEL0
Address
8 bit Hex Address
(Hex)
R/W
GND
GND
32
64/65
GND
VEN
33
66/67
VEN
GND
34
68/69
VEN
VEN
35
6A/6B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com