Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3661 Datasheet(PDF) 21 Page - ams AG

Part # AS3661
Description  Programmable 9-channel LED Dr iver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3661 Datasheet(HTML) 21 Page - ams AG

Back Button AS3661 Datasheet HTML 17Page - ams AG AS3661 Datasheet HTML 18Page - ams AG AS3661 Datasheet HTML 19Page - ams AG AS3661 Datasheet HTML 20Page - ams AG AS3661 Datasheet HTML 21Page - ams AG AS3661 Datasheet HTML 22Page - ams AG AS3661 Datasheet HTML 23Page - ams AG AS3661 Datasheet HTML 24Page - ams AG AS3661 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 87 page
background image
www.austriamicrosystems.com
Revision 1.3
20 - 85
AS3661
Datasheet - D e t a i l e d D e s c r i p t i o n
8.7 LED Driver Operational Description
AS3661 LED drivers are constant current sources. The output current can be programmed by control registers up to
25.5 mA. The overall maximum current is set by 8-bit output current control registers with 100 µA step size. Each of the
9 LED drivers has a separate output current control register. The LED luminance pattern (dimming) is controlled with
PWM (pulse width modulation) technique, which has internal resolution of 12 bits (8-bit control can be seen by user).
PWM frequency is 312 Hz (see Figure 23 on page 20).
Figure 23. LED Pattern and Current Control Principle
LED dimming is controlled according to a logarithmic or linear scale(see Figure 24). Logarithmic or linear scheme can
be set for both the program execution engine control and direct PWM control.
Figure 24. Logarithmic vs. Linear Dimming
Note: If the temperature compensation is active, the maximum PWM duty cycle is limited to 50% at +25°C. This is
required to allow enough headroom for temperature compensation over the whole temperature range -40 °C to
90°C.
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
0
64
128
192
256
Dimming Control [DEC]
linear PWM
logarithmic PWM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com