Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3661 Datasheet(PDF) 8 Page - ams AG

Part # AS3661
Description  Programmable 9-channel LED Dr iver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3661 Datasheet(HTML) 8 Page - ams AG

Back Button AS3661 Datasheet HTML 4Page - ams AG AS3661 Datasheet HTML 5Page - ams AG AS3661 Datasheet HTML 6Page - ams AG AS3661 Datasheet HTML 7Page - ams AG AS3661 Datasheet HTML 8Page - ams AG AS3661 Datasheet HTML 9Page - ams AG AS3661 Datasheet HTML 10Page - ams AG AS3661 Datasheet HTML 11Page - ams AG AS3661 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 87 page
background image
www.austriamicrosystems.com
Revision 1.3
7 - 85
AS3661
Datasheet - A b s o l u t e M a x i m u m R a t i n g s
5 Absolute Maximum Ratings
Stresses beyond those listed in Table 2 may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in Table 3. Electrical
Characteristics on page 8 is not implied. Exposure to absolute maximum rating conditions for extended periods may
affect device reliability.
Table 2. Absolute Maximum Ratings
Parameter
Min
Max
Units
Comments
VBAT, VCP, C1+, C1-, C2+, C2- to GND
-0.3
+7.0
V
VCP to VBAT
-0.3
V
Diode between VCP and VBAT
LED1, LED2....LED9 to GND
-0.3
+7.0
V
SDA, SCL, EN, CLK32K, TRIG, INT, GPO,
ASEL0, ASEL1 to GND
-0.3
+7.0
V
Electrostatic Discharge
ESD HBM (LED1 to LED2)
8
kV
JEDEC JESD22-A114
ESD HBM (all other pins)
2.5
kV
ESD MM
250
V
JEDEC JESD22-A115
ESD CDM
1
kV
JEDEC JESD22-C101
Temperature Ranges and Storage Conditions
Continous Power Dissipation
Internally limited (overtemperature
protection)
1
1. Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages
at TJ = 150°C (typ.) and disengages at T J = 130°C (typ.).
Junction Temperature (TJMAX)
+125
ºC
Storage Temperature Range
-55
+125
ºC
Body Temperature during Soldering
+260
ºC
IPC/JEDEC J-STD-020
Junction to Ambient Thermal Resistance
(
θ
JA)
2
2. Junction to ambient thermal resistance is highly application and board-layout dependent. In applications where
high maximum power dissipation exists, special care must be paid to thermal dissipation issues in board
design.
87
°C/W
Moisture Sensitive Level
1
Represents a max. floor life time of
unlimited
Recommended Operating Conditions
Recommended charge pump load current
0
100
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com