Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3661 Datasheet(PDF) 64 Page - ams AG

Part # AS3661
Description  Programmable 9-channel LED Dr iver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3661 Datasheet(HTML) 64 Page - ams AG

Back Button AS3661 Datasheet HTML 60Page - ams AG AS3661 Datasheet HTML 61Page - ams AG AS3661 Datasheet HTML 62Page - ams AG AS3661 Datasheet HTML 63Page - ams AG AS3661 Datasheet HTML 64Page - ams AG AS3661 Datasheet HTML 65Page - ams AG AS3661 Datasheet HTML 66Page - ams AG AS3661 Datasheet HTML 67Page - ams AG AS3661 Datasheet HTML 68Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 87 page
background image
www.austriamicrosystems.com
Revision 1.3
63 - 85
AS3661
Datasheet - D e t a i l e d D e s c r i p t i o n
8.10.35 GAIN CHANGE CTRL
With hysteresis and timer bits the user can optimize the charge pump performance to better meet the requirements of
the application at hand. Some applications need to be optimized for efficiency and others need to be optimized for
minimum EMI, for example.
Note: Values above are typical and should not be used as product specification. Writing to TRESHOLD [7:6] bits by
the user overrides factory settings. Factory settings aren't user accessible.
Table 70. GAIN CHANGE CTRL Register
Register: 0x76
GAIN CHANGE CTRL
Bit
Bit Name
Default
Access
Bit Description
7:6
TRESHOLD
00
R/W
Bits set the threshold voltage at which the charge pump gain
changes from 1.5x to 1x. The threshold voltage is defined as
the voltage difference between highest voltage output (LED1
to LED6) and input voltage VBAT: VTRESHOLD = VBAT - MAX
(voltage on LED1 to LED6). If VTRESHOLD is larger than the set
value (100mV to 400mV), the charge pump is in 1x mode.
00: 400mV
01: 300mV
10: 200mV
11: 100mV
5
ADAPTIVE_
TRESH_EN
0
R/W
Gain change hysteresis prevents the mode from toggling back
and forth (1x -> 1.5x -> 1x...) , which would cause ripple on VIN
and LED flicker. When the adaptive threshold is enabled, the
width of the hysteresis region depends on the choice of
TRESHOLD bits (see above), saturation of the current
sources, charge pump load current, PWM overlap and
temperature.
0: Adaptive threshold disabled.
1: Adaptive threshold enabled.
4:3
TIMER
00
R/W
A forced mode change from 1.5x to 1.0x is attempted at the
interval specified with these bits. Mode change is allowed if
there is enough voltage over the LED drivers to ensure proper
operation. Set FORCE_1x to "1" (see below) to activate this
feature.
00: 5ms
01: 10ms
10: 50ms
11: infinite
2
FORCE_1x
0
R
Activates forced mode change. In forced mode charge pump
mode change from 1.5x to 1x is attempted at the interval
specified with the TIMER bits.
0: forced mode changes disabled.
1: forced mode changes disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com