Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3661 Datasheet(PDF) 78 Page - ams AG

Part # AS3661
Description  Programmable 9-channel LED Dr iver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3661 Datasheet(HTML) 78 Page - ams AG

Back Button AS3661 Datasheet HTML 74Page - ams AG AS3661 Datasheet HTML 75Page - ams AG AS3661 Datasheet HTML 76Page - ams AG AS3661 Datasheet HTML 77Page - ams AG AS3661 Datasheet HTML 78Page - ams AG AS3661 Datasheet HTML 79Page - ams AG AS3661 Datasheet HTML 80Page - ams AG AS3661 Datasheet HTML 81Page - ams AG AS3661 Datasheet HTML 82Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 87 page
background image
www.austriamicrosystems.com
Revision 1.3
77 - 85
AS3661
Datasheet - D e t a i l e d D e s c r i p t i o n
External trigger input signal must stay low for at least two 32 kHz clock cycles to be executed. Trigger output signal is
three 32 kHz clock cycles long. External trigger signal is active low, i.e. when trigger is send/received the pin is pulled
to GND. Sent external trigger is masked, i.e. the device which has sent the trigger will not recognize it. If send and wait
external trigger are used on the same instruction, the send external trigger is executed first, then the wait external
trigger.
COMPILER COMMAND SYNTAX: TRG, wait for trigger[6], send a trigger[6]
8.14.6.1 TRG Application Example
In this example we want to wait/receive a trigger from program execution engine 1.
COMPILER COMMAND SYNTAX EXAMPLE: TRG, 2, 0;
8.14.7 JNE/JL/JGE/JE
AS3661 instruction set includes the following conditional jump instructions: jne (jump if not equal); jge (jump if greater
or equal); jl (jump if less); je (jump if equal). If the condition is true a certain number of instructions will be skipped (i.e.
the program jumps forward to a location relative to the present location). If condition is false then the next instruction
will be executed.
COMPILER COMMAND SYNTAX: JNE, number of instructions...[5], Variable1[2], Variable2[2];
COMPILER COMMAND SYNTAX: JL, number of instructions...[5], Variable1[2], Variable2[2];
COMPILER COMMAND SYNTAX: JGE, number of instructions...[5], Variable1[2], Variable2[2];
COMPILER COMMAND SYNTAX: JE, number of instructions...[5], Variable1[2], Variable2[2];
8.14.7.1 JNE Application Example
In the following example we compare local variable A with local variable B. If the value of the two registers is not equal
the command will skip three instructions.
COMPILER COMMAND SYNTAX EXAMPLE: JNE, 3, 0,1;
Table 89. TRG Parameter Description
Name
Value
Description
wait for trigger
0-31
Wait for trigger from the engine(s). Several triggers can be defined in the
same instruction. Bit [7] engages engine 1, bit [8] engine 2, bit [9] engine 3
and bit [12] is for external trigger I/O. Bits [10] and [11] are not in use.
send a trigger
0-31
Send a trigger to the engine(s). Several triggers can be defined in the same
instruction. Bit [1] engages engine 1, bit [2] engine 2, bit [3] engine 3 and bit
[6] is for external trigger I/O. Bits [4] and [5] are not in use.
Table 90. JNE/JL/JGE/JE Parameter Description
Name
Value
Description
number of instructions to be
skipped if the operation
returns true.
0-31
The number of instructions to be skipped when the statement is true.
Note: value 0 means redundant code.
Variable1
0-3
Defines the variable to be used in the test:
0
local variable A
1
local variable B
2
global variable
C3
register address 3CH variable, or register address 42H value
Variable2
0-3
Defines the variable to be used in the test:
0
local variable A
1
local variable B
2
global variable
C3
register address 3CH variable, or register address 42H value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com