Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3661 Datasheet(PDF) 22 Page - ams AG

Part # AS3661
Description  Programmable 9-channel LED Dr iver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3661 Datasheet(HTML) 22 Page - ams AG

Back Button AS3661 Datasheet HTML 18Page - ams AG AS3661 Datasheet HTML 19Page - ams AG AS3661 Datasheet HTML 20Page - ams AG AS3661 Datasheet HTML 21Page - ams AG AS3661 Datasheet HTML 22Page - ams AG AS3661 Datasheet HTML 23Page - ams AG AS3661 Datasheet HTML 24Page - ams AG AS3661 Datasheet HTML 25Page - ams AG AS3661 Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 87 page
background image
www.austriamicrosystems.com
Revision 1.3
21 - 85
AS3661
Datasheet - D e t a i l e d D e s c r i p t i o n
8.7.1 Powering LEDs
Although the AS3661 is very suitable for white LED and general purpose applications, it is particularly well suited to
use with RGB LEDs. The AS3661 architecture is optimized for use with three RGB LEDs. Typically, the red LEDs have
forward voltages below 2V and thus red LEDs can be powered directly from VBAT. In AS3661 the LED7, LED8 and
LED9 drivers are directly powered from the battery voltage (VBAT), not from the charge pump output. The LED1 to
LED6 drivers are internally connected to the charge pump output and these outputs can be used for driving green and
blue (VF = 2.7V to 3.7V) or white LEDs. Of course, LED7, LED8 and LED9 outputs can be used for green, blue or white
LEDs if the VBAT voltage is high enough. An RGB LED configuration example is given in the Typical Applications
section.
8.7.2 Controlling the High-side LED Drivers
Direct PWM Control
All AS3661 LED drivers, LED1 to LED9, can be controlled independently through the two-wire serial I²C compati-
ble interface. For each high-side driver there is a PWM control register. Direct PWM control is active by default.
Controlling by Program Execution Engines
Engine control is used when the user wants to create programmed sequences. The program execution engine has
higher priority than direct control registers. Therefore if the user has set to PWM register a certain value it will be
automatically overridden when the program execution engine controls the driver. LED control and program execu-
tion engine operation is described in the chapter Control Register Details.
Master Fader Control
In addition to LED-by-LED PWM register control, the AS3661 is equipped with so called master fader control,
which allows the user to fade in or fade out multiple LEDs by writing to only one register. This is an useful function
to minimize serial bus traffic between the MCU and the AS3661. The AS3661 has three master fader registers, so
it is possible to form three master fader groups. Master fader control can be used with the engines as well.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com