Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3661 Datasheet(PDF) 56 Page - ams AG

Part # AS3661
Description  Programmable 9-channel LED Dr iver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3661 Datasheet(HTML) 56 Page - ams AG

Back Button AS3661 Datasheet HTML 52Page - ams AG AS3661 Datasheet HTML 53Page - ams AG AS3661 Datasheet HTML 54Page - ams AG AS3661 Datasheet HTML 55Page - ams AG AS3661 Datasheet HTML 56Page - ams AG AS3661 Datasheet HTML 57Page - ams AG AS3661 Datasheet HTML 58Page - ams AG AS3661 Datasheet HTML 59Page - ams AG AS3661 Datasheet HTML 60Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 87 page
background image
www.austriamicrosystems.com
Revision 1.3
55 - 85
AS3661
Datasheet - D e t a i l e d D e s c r i p t i o n
8.10.14 TEMP ADC CONTROL
8.10.15 TEMPERATURE READ
Note: When writing temperature data outside the range of the temperature compensation: Values greater than 89°C
will be set to 89°C; values less than -38°C will be set to -38°C.
Table 49. TEMP ADC CONTROL Register
Register: 0x3E
TEMP ADC CONTROL
Bit
Bit Name
Default
Access
Bit Description
7
TEMP_MEAS_BUSY
0
R
Indicates the status of the temperature measurement ADC of
AS3661.
0: temperature measurements done or not activated.
1: temperature measurement active.
2
EN_TEMP_SENSOR
0
R/W
Every time when EN_TEMP_SENSOR is written high a new
measurement period is started. The length of the
measurement period depends on temperature. At 25°C a
measurement takes 20 milliseconds. Temperature can be read
from register 0x3F.
0: temperature sensor disabled.
1: enable internal temperature sensor and start measurement.
1
CONTINUOUS_CON
V
0
R/W
When EN_TEMP_SENSOR bit is set to”1” it is possible to
enable a continuous temperature conversation setting the
CONTINUOUS_CONV bit in this register.
0: new temperature measurement period initiated during
start-up or after exit from power save mode.
1: continuous temperature measurement. Not active when the
device is in powersave.
0
SEL_EXT_TEMP
0
R/W
It is possible to link the temperature compensation register
either to the internal temperature measurement result register
0x3F or to the TEMPERATURE WRITE register 0x40. This
register can be sued to store the temperature of an external
temperature measurement device to AS3661 in order to use it
for LED temperature compensation.
0: temperature compensation source register addr 3FH.
1: temperature compensation source register addr 40H.
Table 50. TEMPERATURE READ Register
Register: 0x3F
TEMPERATURE READ
Bit
Bit Name
Default
Access
Bit Description
7:0
TEMPERATURE
_READ
0001 1001
R
These bits are used for storing an 8-bit temperature reading
acquired from the internal temperature sensor. This register is
a read-only register. Temperature reading is stored in 8-bit
two's complement format, see the table below.
1101 1010: -38°C
...
0001 1001: 25°C
...
0101 1000: 88°C
0101 1001: 89°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com