Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3661 Datasheet(PDF) 6 Page - ams AG

Part # AS3661
Description  Programmable 9-channel LED Dr iver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3661 Datasheet(HTML) 6 Page - ams AG

Back Button AS3661 Datasheet HTML 2Page - ams AG AS3661 Datasheet HTML 3Page - ams AG AS3661 Datasheet HTML 4Page - ams AG AS3661 Datasheet HTML 5Page - ams AG AS3661 Datasheet HTML 6Page - ams AG AS3661 Datasheet HTML 7Page - ams AG AS3661 Datasheet HTML 8Page - ams AG AS3661 Datasheet HTML 9Page - ams AG AS3661 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 87 page
background image
www.austriamicrosystems.com
Revision 1.3
5 - 85
AS3661
Datasheet - P i n o u t
4 Pinout
4.1 Pin Assignment
Figure 2. Pin Assignments (Top View)
4.2 Pin Description
Table 1. Pin Description for AS3661
Pin Number
Pin Name
Description
A1
LED1
LED1 Output. Current source from VCP.
A2
LED2
LED2 Output. Current source from VCP.
A3
VCP
Charge Pump output. make a short connection to capacitor CVCPOUT.
A4
C2-
Charge Pump flying capacitor 2. make a short connection to capacitor CFLY2.
A5
C2+
Charge Pump flying capacitor 2. make a short connection to capacitor CFLY2.
B1
LED3
LED3 Output. Current source from VCP.
B2
LED4
LED4 Output. Current source from VCP.
B3
ASEL1
Digital input - I²C address select
B4
C1-
Charge Pump flying capacitor 1. make a short connection to capacitor CFLY1.
B5
C1+
Charge Pump flying capacitor 1. make a short connection to capacitor CFLY1.
C1
LED5
LED5 Output. Current source from VCP.
C2
LED6
LED6 Output. Current source from VCP.
C3
ASEL0
Digital input - I²C address select
C4
EN
Enable. Active high digital input.
C5
VBAT
Positive Power Supply Input
D1
LED7
LED7 Output. Current source from VBAT.
D2
LED8
LED8 Output. Current source from VBAT.
D3
INT
Interrupt Output. Open drain digital output for microcontroller unit, leave
unconnected if not used.
D4
CLK32K
Digital Clock Input. Connect a 32kHz signal; if this signal is not available, connect
this pin to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com