Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3661 Datasheet(PDF) 19 Page - ams AG

Part # AS3661
Description  Programmable 9-channel LED Dr iver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3661 Datasheet(HTML) 19 Page - ams AG

Back Button AS3661 Datasheet HTML 15Page - ams AG AS3661 Datasheet HTML 16Page - ams AG AS3661 Datasheet HTML 17Page - ams AG AS3661 Datasheet HTML 18Page - ams AG AS3661 Datasheet HTML 19Page - ams AG AS3661 Datasheet HTML 20Page - ams AG AS3661 Datasheet HTML 21Page - ams AG AS3661 Datasheet HTML 22Page - ams AG AS3661 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 87 page
background image
www.austriamicrosystems.com
Revision 1.3
18 - 85
AS3661
Datasheet - D e t a i l e d D e s c r i p t i o n
8.6.3 Controlling the Charge Pump
The charge pump is controlled with two CP_MODE bits in MISC register (address 36H). When both of the bits are low,
the charge pump is disabled and the output voltage is pulled down with an internal 300 k
Ω (typ.) resistor. The charge
pump can be forced to bypass mode, so that the battery voltage is connected directly to the current sources. In 1.5x
mode the output voltage is boosted to 4.5V. In automatic mode the charge pump operation mode is determined by
saturation of constant current drivers, like described in chapter LED Forward Voltage Monitoring.
8.6.4 LED Forward Voltage Monitoring
When the charge pump automatic mode selection is enabled, the voltages over the LED drivers LED1 to LED6 are
monitored.
Note: Power input for current source outputs LED7, LED8 and LED9 are internally connected to the VBAT pin.
If the LED1 to LED6 drivers do not have enough headroom, the charge pump gain is set to 1.5x. Driver saturation
monitor does not have a fixed voltage limit, since saturation voltage is a function of temperature and current. The
charge pump gain is set to 1x, when the battery voltage is high enough to supply all LEDs. In automatic gain change
mode, the charge pump is switched to bypass mode (1x), when LEDs are inactive for over 50 ms.
8.6.5 Gain Change Hysteresis
The charge pump gain control utilizes digital filtering to prevent supply voltage disturbances (for example, the transient
voltage on the power supply during the GSM burst) from triggering unnecessary gain changes. Hysteresis is provided
to prevent periodic gain changes, which would occur due to LED driver and charge pump voltage drop in 1x mode. The
hysteresis of the gain change is user configurable, default setting is factory programmable. Flexible configuration
ensures, that the hysteresis can be minimized or set to desired level in each application. LED forward voltage
monitoring and gain control block diagram is shown in Figure 21.
Figure 21. Forward Voltage Monitoring and Gain Control Block

   

 
!
!
!
"#
"#$
"#%
% $  
# 
& 
'   (  ( 
) *   (+
,&'
 
)
( *   (+
 
( 
-
( 
*




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com