Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3661 Datasheet(PDF) 20 Page - ams AG

Part # AS3661
Description  Programmable 9-channel LED Dr iver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3661 Datasheet(HTML) 20 Page - ams AG

Back Button AS3661 Datasheet HTML 16Page - ams AG AS3661 Datasheet HTML 17Page - ams AG AS3661 Datasheet HTML 18Page - ams AG AS3661 Datasheet HTML 19Page - ams AG AS3661 Datasheet HTML 20Page - ams AG AS3661 Datasheet HTML 21Page - ams AG AS3661 Datasheet HTML 22Page - ams AG AS3661 Datasheet HTML 23Page - ams AG AS3661 Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 87 page
background image
www.austriamicrosystems.com
Revision 1.3
19 - 85
AS3661
Datasheet - D e t a i l e d D e s c r i p t i o n
8.6.6 Automatic Power Save Mode
Automatic power save mode is enabled when POWERSAVE_EN bit in register address 36H is ‘1’. Almost all analog
blocks are powered down in power save, if an external clock signal is used. Only the charge pump protection circuits
remain active. However, if the internal clock has been selected, only charge pump and LED drivers are disabled during
the power save; the digital part of the LED controller needs stay active. In both cases the charge pump enters to the
weak 1x mode. In this mode the charge pump utilizes a passive current limited keep-alive switch, which keeps the
output voltage at the battery level. During the program execution AS3661 can enter power save if there is no PWM
activity in any of the LED driver outputs. To prevent short power save sequences during program execution, AS3661
has an instruction look-ahead filter. During program execution engine 1, engine 2 and engine 3 instructions are
constantly analyzed, and if there is time intervals of more than 50ms in length with no PWM activity on LED driver
outputs, the device will enter power save. In power save mode program execution continues uninterruptedly. When an
instruction that requires PWM activity is executed, a fast internal startup sequence will be started automatically.
8.6.7 PWM Power Save Mode
PWM cycle power save mode is enabled when register 36 bit [2] PWM_PS_EN is set to '1'. In PWM power save mode
analog blocks are powered down during the "down time" of the PWM cycle. Blocks that are powered down depends
whether external or internal clock is used. While the Automatic Power Save Mode (see above) saves energy when
there is no PWM activity at all, the PWM Power Save mode saves energy during PWM cycles. Like the Automatic
Power Save Mode, PWM Power Save Mode works also during program execution.
Figure 22. PWM Powersave Principle with external clock (VDD =3.6V, 50% PWM, ILED9=5mA)
1ms/Div
INPUT CURRENT ~3.5µA
DURING PWM POWESAVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com