Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3661 Datasheet(PDF) 77 Page - ams AG

Part # AS3661
Description  Programmable 9-channel LED Dr iver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3661 Datasheet(HTML) 77 Page - ams AG

Back Button AS3661 Datasheet HTML 73Page - ams AG AS3661 Datasheet HTML 74Page - ams AG AS3661 Datasheet HTML 75Page - ams AG AS3661 Datasheet HTML 76Page - ams AG AS3661 Datasheet HTML 77Page - ams AG AS3661 Datasheet HTML 78Page - ams AG AS3661 Datasheet HTML 79Page - ams AG AS3661 Datasheet HTML 80Page - ams AG AS3661 Datasheet HTML 81Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 87 page
background image
www.austriamicrosystems.com
Revision 1.3
76 - 85
AS3661
Datasheet - D e t a i l e d D e s c r i p t i o n
8.14.3 BRANCH (Variables)
The BRANCH command for variables has basically the same functionality like the numerical command. The only
difference is that the loop count is controlled with variables instead of having a fixed number.
COMPILER COMMAND SYNTAX: BRV, step number[7], loop count[2];
8.14.4 INT
Send interrupt to processor by pulling the INT pin down and setting corresponding status bit high. Interrupt can be
cleared by reading interrupt bits in STATUS/INTERRUPT register at address 3A.
COMPILER COMMAND SYNTAX: INT;
This command doesn’t support any parameters.
8.14.5 END
End program execution. Instruction takes sixteen 32 kHz clock cycles.
COMPILER COMMAND SYNTAX: END, int[1], Reset[1];
8.14.5.1 END Application Example
The example code below sends an interrupt to the processor and resets the program counts to 0. The program
execution engine is set on hold.
COMPILER COMMAND SYNTAX EXAMPLE: END, 1, 0;
8.14.6 TRIGGER
Wait or send triggers can be used to e.g. synchronize operation between the program execution engines. Send trigger
instruction takes sixteen 32 kHz clock cycles and wait for trigger takes at least sixteen 32 kHz clock cycles. The
receiving engine stores the triggers which have been sent. Received triggers are cleared by wait for trigger instruction.
Wait for trigger instruction is executed until all the defined triggers have been received (note: several triggers can be
defined in the same instruction).
Table 87. BRN Parameter Description
Name
Accepted Value
Description
step number
0-95
The step number to be loaded to program counter
loop count
0-3
Selects the variable for step number value. Step number is loaded with the
value of the variable defined below
0
local variable A
1
local variable B
2
local variable C
3
register address 3CH variable D value, or register address 42H value
Table 88. END Parameter Description
Name Value
Description
int
0
No interrupt will be sent. PWM register values will remain intact.
1
Reset program counter value to 0 and send interrupt to processor by pulling the INT pin down and
setting corresponding status bit high to notify that program has ended. PWM register values will
remain intact. Interrupt can be cleared by reading interrupt bits in STATUS/INTERRUPT register at
address 3A.
Reset
0
Reset program counter value to 0 and hold. PWM register values will remain intact.
1
Reset program counter value to 0 and hold. PWM register values of the non-mapped drivers will
remain. PWM register values of the mapped drivers will be set to "0000 0000". On completion of int
instruction with this bit set to "1" the master fader registers are set to zero as follows: Program
execution engine 1 sets MASTER FADER 1 (48H) to zero, engine 2 sets MASTER FADER 2 (49H) to
zero and engine 3 sets MASTER FADER 3 (4AH) to zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com