Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3661 Datasheet(PDF) 44 Page - ams AG

Part # AS3661
Description  Programmable 9-channel LED Dr iver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3661 Datasheet(HTML) 44 Page - ams AG

Back Button AS3661 Datasheet HTML 40Page - ams AG AS3661 Datasheet HTML 41Page - ams AG AS3661 Datasheet HTML 42Page - ams AG AS3661 Datasheet HTML 43Page - ams AG AS3661 Datasheet HTML 44Page - ams AG AS3661 Datasheet HTML 45Page - ams AG AS3661 Datasheet HTML 46Page - ams AG AS3661 Datasheet HTML 47Page - ams AG AS3661 Datasheet HTML 48Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 87 page
background image
www.austriamicrosystems.com
Revision 1.3
43 - 85
AS3661
Datasheet - D e t a i l e d D e s c r i p t i o n
5
LED6_LOG_EN
0
R/W
This bit is effective for both, program execution engine and
direct PWM control.
0: linear adjustment.
1: logarithmic adjustment.
4:0
LED6_TEMP_COMP
0 0000
R/W
The reference temperature is +25°C (i.e. the temper ature at
which all slope settings have no effect) and the temperature
coefficient (slope) can be set in 0.1 1/°C steps to any value
between -1.5 1/°C and +1.5 1/°C, with a default to 0.0 1/°C
11111: -1.5 1/°C
11110: -1.4 1/°C
...
00000: temperature compensation not activated
...
01110: +1.4 1/°C
01111: +1.5 1/°C
Table 20. LED7 CONTROL Register
Register: 0x0C
LED7 CONTROL
Bit
Bit Name
Default
Access
Bit Description
7:6
LED7_MAPPING
00
R/W
This register defines the mapping of LED7 output to the master
faders. The faders can either be used for dimming several
LEDs in parallel or for ratiometric control of the output.
00: no master fader selected
01: MASTER FADER 1 controls LED7 output
10: MASTER FADER 2 controls LED7 output
11: MASTER FADER 3 controls LED7 output
5
LED7_LOG_EN
0
R/W
This bit is effective for both, program execution engine and
direct PWM control.
0: linear adjustment.
1: logarithmic adjustment.
4:0
LED7_TEMP_COMP
0 0000
R/W
The reference temperature is +25°C (i.e. the temper ature at
which all slope settings have no effect) and the temperature
coefficient (slope) can be set in 0.1 1/°C steps to any value
between -1.5 1/°C and +1.5 1/°C, with a default to 0.0 1/°C
11111: -1.5 1/°C
11110: -1.4 1/°C
...
00000: temperature compensation not activated
...
01110: +1.4 1/°C
01111: +1.5 1/°C
Table 19. LED6 CONTROL Register
Register: 0x0B
LED6 CONTROL
Bit
Bit Name
Default
Access
Bit Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com