Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3661 Datasheet(PDF) 70 Page - ams AG

Part # AS3661
Description  Programmable 9-channel LED Dr iver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3661 Datasheet(HTML) 70 Page - ams AG

Back Button AS3661 Datasheet HTML 66Page - ams AG AS3661 Datasheet HTML 67Page - ams AG AS3661 Datasheet HTML 68Page - ams AG AS3661 Datasheet HTML 69Page - ams AG AS3661 Datasheet HTML 70Page - ams AG AS3661 Datasheet HTML 71Page - ams AG AS3661 Datasheet HTML 72Page - ams AG AS3661 Datasheet HTML 73Page - ams AG AS3661 Datasheet HTML 74Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 87 page
background image
www.austriamicrosystems.com
Revision 1.3
69 - 85
AS3661
Datasheet - D e t a i l e d D e s c r i p t i o n
8.12.2.1 RWV Application Example
Let's say that the LED dimming is controlled according to the linear scale and effective PWM value at the moment t=0
is 0d (0%,) and we want to reach a PWM value of 255d (100%) at the moment t = 3s. The parameters for the RAMP
instruction will be:
Prescale = 0 (0.488 ms cycle time)
Step time = 4 (use variable D in register 0x3C with a value of 24d)
Sign = 0 (increase PWM output)
Number of increments = 0 (use local variable A which must be loaded with the value 255d)
COMPILER COMMAND SYNTAX EXAMPLE: RMP, 0, 0, 4, 0;
The example above gives us a ramp time of 2.987s (tr = 0.488ms * 24 * 255).
Figure 30. Ramp Instruction Example with Variables
8.12.3 SET PWM (Numerical Operands)
This instruction is used for setting the PWM value on the outputs LED1 to LED9 without any ramps. Set PWM output
value from 0 to 255 with PWM value bits [7:0]. Instruction execution takes sixteen 32 kHz clock cycles (=488µs) .
COMPILER COMMAND SYNTAX: SPW, PWM Value[8];
# of increments
0-3
The number of increment/decrement cycles. Value is taken from variable
defined below:
0
local variable A
1
local variable B
2
local variable C
3
register address 0x3C variable D value, or register address 0x42
value.
Table 77. SPW Parameter Description
Name
Value
Description
PWM Value
0-255
PWM output duty cycle 0 - 100%
Table 76. RWV Parameter Description
Name
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com