Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3661 Datasheet(PDF) 2 Page - ams AG

Part # AS3661
Description  Programmable 9-channel LED Dr iver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3661 Datasheet(HTML) 2 Page - ams AG

  AS3661 Datasheet HTML 1Page - ams AG AS3661 Datasheet HTML 2Page - ams AG AS3661 Datasheet HTML 3Page - ams AG AS3661 Datasheet HTML 4Page - ams AG AS3661 Datasheet HTML 5Page - ams AG AS3661 Datasheet HTML 6Page - ams AG AS3661 Datasheet HTML 7Page - ams AG AS3661 Datasheet HTML 8Page - ams AG AS3661 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 87 page
background image
A S 3 6 6 1
P r o g r a m m a b l e 9 - c h a n n e l L E D D r i v e r
www.austriamicrosystems.com
Revision 1.3
1 - 85
D a ta s h e e t
1 General Description
The AS3661 is a 9-channel LED driver designed to
produce lighting effects for mobile devices. A high-
efficiency charge pump enables LED driving over full Li-
Ion battery voltage range. The device is equipped with
an internal program memory, which allows operation
without processor control. The AS3661 maintains
excellent efficiency over a wide operating range by
autonomously selecting the best charge pump gain
based on LED forward voltage requirements. AS3661 is
able to automatically enter power-save mode when LED
outputs are not active, thus lowering idle current
consumption down to 10 µA (typ).
The AS3661 has an I2C-compatible control interface
with four pin selectable addresses. Also, the device has
a flexible General Purpose Output (GPO), which can be
used as a digital control pin for other devices. INT pin
can be used to notify processor when a lighting
sequence has ended (interrupt - function). Also, the
device has a trigger input interface, which allows
synchronization between multiple devices.The device
requires only four small and low-cost ceramic
capacitors.
The AS3661 is available in a tiny WL-CSP-25
(2.285x2.285mm) 0.4mm pitch package.
2 Key Features
Three independent program execution engines; 9
programmable outputs with 25.5 mA full-scale
current, 8- bit current setting resolution and 12-bit
PWM control resolution
Adaptive charge pump with 1x and 1.5x gain
provides up to 95% LED drive efficiency
Charge pump with soft start and overcurrent/short
circuit protection
Built-in LED test
Automatic power save mode; IVDD = 10 µA (typ.)
Two wire, I2C-compatible, control interface
Flexible instruction set
Large SRAM program memory
Small application circuit
Source (high side) drivers
Minimum number of external components
Architecture supports color control
3 Applications
The product is ideal for fun and indicator lights, LED
backlighting, and programmable current source.

 
   

!"#$
%!$
""!
!" &
' "
(!$
)!$ !*" !
+,
-.0
0 1
23-!0
0 1
23-!0
-.0
' 3
' 
'
' 4
' 5
' 2
' 6
' 
' 7

8
9
8
9
:
'
;5 ;
<:

:+
' -
' 


&$"
Figure 1. AS3661 LED Driver Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com