Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3661 Datasheet(PDF) 18 Page - ams AG

Part # AS3661
Description  Programmable 9-channel LED Dr iver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3661 Datasheet(HTML) 18 Page - ams AG

Back Button AS3661 Datasheet HTML 14Page - ams AG AS3661 Datasheet HTML 15Page - ams AG AS3661 Datasheet HTML 16Page - ams AG AS3661 Datasheet HTML 17Page - ams AG AS3661 Datasheet HTML 18Page - ams AG AS3661 Datasheet HTML 19Page - ams AG AS3661 Datasheet HTML 20Page - ams AG AS3661 Datasheet HTML 21Page - ams AG AS3661 Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 87 page
background image
www.austriamicrosystems.com
Revision 1.3
17 - 85
AS3661
Datasheet - D e t a i l e d D e s c r i p t i o n
8.6 Charge Pump Operational Description
8.6.1 Overview
The AS3661 includes a pre-regulated switched-capacitor charge pump with a programmable voltage multiplication of 1
and 1.5x. In 1.5x mode by combining the principles of a switched-capacitor charge pump and a linear regulator, it
generates a regulated 4.5V output from Li-Ion input voltage range. A two-phase non-overlapping clock generated
internally controls the operation of the charge pump. During the charge phase, both flying capacitors (CFLY1 and CFLY2)
are charged from input voltage. In the pump phase that follows, the flying capacitors are discharged to output. A
traditional switched capacitor charge pump operating in this manner will use switches with very low on-resistance,
ideally 0
Ω, to generate an output voltage that is 1.5x the input voltage. The AS3661 regulates the output voltage by
controlling the resistance of the input-connected pass-transistor switches in the charge pump.
Figure 19. Charge Pump
8.6.2 Output Resistance
At lower input voltages, the charge pump output voltage may degrade due to effective output resistance (ROUT) of the
charge pump. The expected voltage drop can be calculated by using a simple model for the charge pump illustrated in
Figure 20 below.
Figure 20. Charge Pump Output Resistance
The model shows a linear pre-regulation block (REG), a voltage multiplier (1.5x), and an output resistance (ROUT). The
output resistance models the output voltage drop that is inherent to switched capacitor converters. The output
resistance is 3.5
Ω (typ.), and it is a function of switching frequency, input voltage, flying capacitors’ capacitance value,
internal resistances of the switches and ESR of the flying capacitors. When the output voltage is in regulation, the
regulator in the model controls the voltage V to keep the output voltage equal to 4.5V (typ.). With increased output
current, the voltage drop across ROUT increases. To prevent drop in output voltage, the voltage drop across the
regulator is reduced, V increases, and VCP remains at 4.5V. When the output current increases to the point that there
is zero voltage drop across the regulator, V equals the input voltage, and the output voltage is “on the edge” of
regulation. Additional output current causes the output voltage to fall out of regulation, so that the operation is similar to
a basic open-loop 1.5x charge pump. In this mode, output current results in output voltage drop proportional to the
output resistance of the charge pump. The out-of-regulation output voltage can be approximated by:
VCP = 1.5 x VIN – IOUT x ROUT.
VBAT
Low Noise
Charge Pump
1:1, 1:1.5 Modes
CVCPOUT
CFLY2
CFLY1
CBAT
VBAT
VCP
C1+
C1-
C2+
C2-
4.5V
LED1
V
V
Mode
Switching
LED2
LED9
Voltage limit
up
down
5.4V
cp_max_5V4
Vin
1.5x
V
1.5x V
Rout
REG
Vcp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com