Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3661 Datasheet(PDF) 83 Page - ams AG

Part # AS3661
Description  Programmable 9-channel LED Dr iver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3661 Datasheet(HTML) 83 Page - ams AG

Back Button AS3661 Datasheet HTML 79Page - ams AG AS3661 Datasheet HTML 80Page - ams AG AS3661 Datasheet HTML 81Page - ams AG AS3661 Datasheet HTML 82Page - ams AG AS3661 Datasheet HTML 83Page - ams AG AS3661 Datasheet HTML 84Page - ams AG AS3661 Datasheet HTML 85Page - ams AG AS3661 Datasheet HTML 86Page - ams AG AS3661 Datasheet HTML 87Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 83 / 87 page
background image
www.austriamicrosystems.com
Revision 1.3
82 - 85
AS3661
Datasheet - Ty p i c a l A p p l i c a t i o n
9.1 Recommended External Components
The AS3661 requires 4 external capacitors for proper operation. Surface-mount multi-layer ceramic capacitors are
recommended. Tantalum and aluminium capacitors are not recommended because of their high ESR. For the flying
capacitors (C1 and C2) multi-layer ceramic capacitors should always be used. These capacitors are small, inexpensive
and have very low equivalent series resistance (ESR <20m
Ω typ.). Ceramic capacitors with X7R or X5R temperature
characteristic are preferred for use with the AS3661. These capacitors have tight capacitance tolerance (as good as
±10%) and hold their value over temperature (X7R: ±15% over -55°C to 125°C; X5R: ±15% over -55°C to 8 5°C).
Capacitors with Y5V or Z5U temperature characteristic are generally not recommended for use with the AS3661.
Capacitors with these temperature characteristics typically have wide capacitance tolerance (+80%, -20%) and vary
significantly over temperature (Y5V: +22%, -82% over -30°C to +85°C range; Z5U: +22%, -56% over +10°C to +85°C
range). Under some conditions, a nominal 1µF Y5V or Z5U capacitor could have a capacitance of only 0.1µF. Such
detrimental deviation is likely to cause Y5V and Z5U capacitors to fail to meet the minimum capacitance requirements
of the AS3661. For proper operation it is necessary to have at least 0.24 µF of effective capacitance for each of the
flying capacitors under all operating conditions. The output capacitor CVCPOUT directly affects the magnitude of the
output ripple voltage. In general, the higher the value of CVCPOUT, the lower the output ripples magnitude. For proper
operation it is recommended to have at least 0.50µF of effective capacitance for CVBAT and CVCPOUT under all
operating conditions. The voltage rating of all four capacitors should be 6.3V; 10V is recommended. Recommended
External Components below lists recommended external components from some leading ceramic capacitor
manufacturers. It is strongly recommended that the AS3661 circuit be thoroughly evaluated early in the design-in
process with the mass-production capacitors of choice. This will help ensure that any variability in capacitance does
not negatively impact circuit performance.
Figure 37. Recommended External Components
Model
Type
Vendor
Voltage Rating
Package Size
1µF for CVBAT and CVCPOUT
C1005X5R1A105K
Ceramic X5R
TDK
10V
0402
LMK105BJ105KV-F
Ceramic X5R
Taiyo Yuden 10V
0402
ECJ0EB1A105M
Ceramic X5R
Panasonic
10V
0402
ECJUVBPA105
Ceramic X5R, array
of two
Panasonic
10V
0504
470F for CFLY1 and CFLY2
C1005X5R1A474K
Ceramic X5R
TDK
10V
0402
LMK105BJ474KV-F
Ceramic X5R
Taiyo Yuden 10V
0402
ECJ0EB0J474K
Ceramic X5R
Panasonic
6.3V
0402
LEDs
User defined. Note that D7, D8 and D9 outputs are
powered from VBAT when specifying the LEDs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com