Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3661 Datasheet(PDF) 14 Page - ams AG

Part # AS3661
Description  Programmable 9-channel LED Dr iver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3661 Datasheet(HTML) 14 Page - ams AG

Back Button AS3661 Datasheet HTML 10Page - ams AG AS3661 Datasheet HTML 11Page - ams AG AS3661 Datasheet HTML 12Page - ams AG AS3661 Datasheet HTML 13Page - ams AG AS3661 Datasheet HTML 14Page - ams AG AS3661 Datasheet HTML 15Page - ams AG AS3661 Datasheet HTML 16Page - ams AG AS3661 Datasheet HTML 17Page - ams AG AS3661 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 87 page
background image
www.austriamicrosystems.com
Revision 1.3
13 - 85
AS3661
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
Figure 10. Power Save Mode Supply Current vs.
VBAT, Charge Pump in 1x mode
Figure 11. Serial Bus Write and Charge Pump Start-
up, ILOAD = 60mA
0
50
100
150
200
2,7
3,1
3,5
3,9
4,3
4,7
5,1
5,5
VBAT [V]
int ernal CLK
ext ernal CLK
25µs/Div
Figure 12. Line Trans. and Charge Pump autom. Gain
Change 1.5 to 1, 6LEDs@1mA 100% PWM
Figure 13. Line Trans. and Charge Pump autom. Gain
Change 1 to 1.5, 6LEDs@1mA 100% PWM
2.5ms/Div
2.8V
4.2V
3.6V
4.65V
3.8V
2.5ms/Div
3.6V
3.6V
4V
2.8V
Figure 14. 100% PWM RGB LED Efficiency vs. VBAT
Figure 15. 100% PWM WLED Efficiency vs. VBAT
55
60
65
70
75
80
85
2,7
3,3
3,9
4,5
5,1
VBAT [V]
9x10mA
9x6.7mA
3 x LED Osram LRTB Y3SG
55
60
65
70
75
80
85
90
95
2,7
3,2
3,7
4,2
4,7
VBAT [V]
6x15mA
6x10mA
6 x LED Multicomp OVS-0601



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com