Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3661 Datasheet(PDF) 29 Page - ams AG

Part # AS3661
Description  Programmable 9-channel LED Dr iver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3661 Datasheet(HTML) 29 Page - ams AG

Back Button AS3661 Datasheet HTML 25Page - ams AG AS3661 Datasheet HTML 26Page - ams AG AS3661 Datasheet HTML 27Page - ams AG AS3661 Datasheet HTML 28Page - ams AG AS3661 Datasheet HTML 29Page - ams AG AS3661 Datasheet HTML 30Page - ams AG AS3661 Datasheet HTML 31Page - ams AG AS3661 Datasheet HTML 32Page - ams AG AS3661 Datasheet HTML 33Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 87 page
background image
www.austriamicrosystems.com
Revision 1.3
28 - 85
AS3661
Datasheet - D e t a i l e d D e s c r i p t i o n
19
LED4 PWM
[7:0]
R/W
00000000
PWM duty cycle control for LED4
1A
LED5 PWM
[7:0]
R/W
00000000
PWM duty cycle control for LED5
1B
LED6 PWM
[7:0]
R/W
00000000
PWM duty cycle control for LED6
1C
LED7 PWM
[7:0]
R/W
00000000
PWM duty cycle control for LED7
1D
LED8 PWM
[7:0]
R/W
00000000
PWM duty cycle control for LED8
1E
LED9 PWM
[7:0]
R/W
00000000
PWM duty cycle control for LED9
1F to 25
[7:0]
reserved
26
LED1 CURRENT
CONTROL
[7:0]
R/W
10101111
CURRENT
LED1 output current control register.
Default 17.5 mA (typ.)
27
LED2 CURRENT
CONTROL
[7:0]
R/W
10101111
CURRENT
LED2 output current control register.
Default 17.5 mA (typ.)
28
LED3 CURRENT
CONTROL
[7:0]
R/W
10101111
CURRENT
LED3 output current control register.
Default 17.5 mA (typ.)
29
LED4 CURRENT
CONTROL
[7:0]
R/W
10101111
CURRENT
LED4 output current control register.
Default 17.5 mA (typ.)
2A
LED5 CURRENT
CONTROL
[7:0]
R/W
10101111
CURRENT
LED5 output current control register.
Default 17.5 mA (typ.)
2B
LED6 CURRENT
CONTROL
[7:0]
R/W
10101111
CURRENT
LED6 output current control register.
Default 17.5 mA (typ.)
2C
LED7 CURRENT
CONTROL
[7:0]
R/W
10101111
CURRENT
LED7 output current control register.
Default 17.5 mA (typ.)
0x2D
LED8 CURRENT
CONTROL
[7:0]
R/W
10101111
CURRENT
LED8 output current control register.
Default 17.5 mA (typ.)
0x2E
LED9 CURRENT
CONTROL
[7:0]
R/W
10101111
CURRENT
LED9 output current control register.
Default 17.5 mA (typ.)
2F to 35
[7:0]
reserved
Table 7. Description of Registers
Hex
Address
Register Name
Bit(s)
Type
Default Value
After Reset
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com