Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3661 Datasheet(PDF) 60 Page - ams AG

Part # AS3661
Description  Programmable 9-channel LED Dr iver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3661 Datasheet(HTML) 60 Page - ams AG

Back Button AS3661 Datasheet HTML 56Page - ams AG AS3661 Datasheet HTML 57Page - ams AG AS3661 Datasheet HTML 58Page - ams AG AS3661 Datasheet HTML 59Page - ams AG AS3661 Datasheet HTML 60Page - ams AG AS3661 Datasheet HTML 61Page - ams AG AS3661 Datasheet HTML 62Page - ams AG AS3661 Datasheet HTML 63Page - ams AG AS3661 Datasheet HTML 64Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 87 page
background image
www.austriamicrosystems.com
Revision 1.3
59 - 85
AS3661
Datasheet - D e t a i l e d D e s c r i p t i o n
8.10.23 49 MASTER FADER2
8.10.24 4A MASTER FADER3
8.10.25 ENG1 PROG START ADDR
8.10.26 ENG2 PROG START ADDR
8.10.27 ENG3 PROG START ADDR
Table 58. MASTER FADER2 Register
Register: 0x49
MASTER FADER2
Bit
Bit Name
Default
Access
Bit Description
7:0
MASTER_FADER2
0000 0000
R/W
An 8-bit register to control all the LED-drivers mapped to
MASTER FADER2. Master fader allows the user to control
dimming of multiple LEDS with a single serial bus write. This is
a faster method to control the dimming of multiple LEDs
compared to the dimming done with the PWM registers
(address 0x16 to 0x1E), which would need multiple writes.
Table 59. MASTER FADER3 Register
Register: 0x4A
MASTER FADER3
Bit
Bit Name
Default
Access
Bit Description
7:0
MASTER_FADER3
0000 0000
R/W
An 8-bit register to control all the LED-drivers mapped to
MASTER FADER3. Master fader allows the user to control
dimming of multiple LEDS with a single serial bus write. This is
a faster method to control the dimming of multiple LEDs
compared to the dimming done with the PWM registers
(address 0x16 to 0x1E), which would need multiple writes.
Table 60. ENG1 PROG START ADDR Register
Register: 0x4C
ENG1 PROG START ADDR
Bit
Bit Name
Default
Access
Bit Description
6:0
ENG1_PROG_
START_ADDR
000 0000
R/W
The program memory start address for program execution
engine 1 is defined in this register.
Table 61. ENG2 PROG START ADDR Register
Register: 0x4D
ENG2 PROG START ADDR
Bit
Bit Name
Default
Access
Bit Description
6:0
ENG2_PROG_
START_ADDR
000 0000
R/W
The program memory start address for program execution
engine 2 is defined in this register.
Table 62. ENG2 PROG START ADDR Register
Register: 0x4E
ENG3 PROG START ADDR
Bit
Bit Name
Default
Access
Bit Description
6:0
ENG3_PROG_
START_ADDR
000 0000
R/W
The program memory start address for program execution
engine 3 is defined in this register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com