Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3661 Datasheet(PDF) 37 Page - ams AG

Part # AS3661
Description  Programmable 9-channel LED Dr iver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3661 Datasheet(HTML) 37 Page - ams AG

Back Button AS3661 Datasheet HTML 33Page - ams AG AS3661 Datasheet HTML 34Page - ams AG AS3661 Datasheet HTML 35Page - ams AG AS3661 Datasheet HTML 36Page - ams AG AS3661 Datasheet HTML 37Page - ams AG AS3661 Datasheet HTML 38Page - ams AG AS3661 Datasheet HTML 39Page - ams AG AS3661 Datasheet HTML 40Page - ams AG AS3661 Datasheet HTML 41Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 87 page
background image
www.austriamicrosystems.com
Revision 1.3
36 - 85
AS3661
Datasheet - D e t a i l e d D e s c r i p t i o n
8.10.2 ENGINE CNTRL2
The AS3661 supports up to four different operation modes which are defined in these registers.
Disabled: Engines can be configured to disabled mode each one separately.
Load program: Writing to program memory is allowed only when the engine is in load program operation mode and
engine busy bit (reg 3A) is not set. Serial bus master should check the busy bit before writing to program memory. All
the three engines are in hold while one or more engines are in load program mode. PWM values are frozen, also.
Program execution continues when all the engines are out of load program mode. Load program mode resets the
program counter of the respective engine. Load program mode can be entered from the disabled mode only. Entering
load program mode from the run program mode is not allowed.
Run Program: Run program mode executes the instructions stored in the program memory. Execution register
(ENG1_EXEC etc.) bits define how the program is executed (hold, step, free run or execute once). Program start
address can be programmed to the Program Counter (PC) register. The Program Counter is reset to zero when the
PC’s upper limit value is reached.
Halt: Instruction execution aborts immediately and engine operation halts.
3:2
ENGINE2_EXEC
00
R/W
The engine 2 program execution control register bits define
how the program is executed. Program start address can be
programmed to program counter (PC) register 0x38.
00: Hold causes the execution engine to finish the current
instruction and then stop. Program counter (PC) can be
read or written only in this mode.
01: Execute the instruction at the location pointed by the PC,
increment the PC by one and then reset ENG2_EXEC bits to
00 (i.e. enter hold).
10: Start program execution from the location pointed by the
PC. This mode is also called “Free Run” mode.
11: Execute the instruction pointed by the current PC value
and reset ENG2_EXEC to 00 (i.e. enter hold). The difference
between step and execute once is that execute once does not
increment the PC.
1:0
ENGINE3_EXEC
00
R/W
The engine 3 program execution control register bits define
how the program is executed. Program start address can be
programmed to program counter (PC) register 0x39.
00: Hold causes the execution engine to finish the current
instruction and then stop. Program counter (PC) can be
read or written only in this mode.
01: Executes the instruction at the location pointed by the PC,
increment the PC by one and then reset ENG3_EXEC bits to
00 (i.e. enter hold).
10: Start program execution from the location pointed by the
PC. This mode is also called “Free Run” mode.
11: Execute the instruction pointed by the current PC value
and reset ENG3_EXEC to 00 (i.e. enter hold). The difference
between step and execute once is that execute once does not
increment the PC.
Table 8. ENABLE / ENGINE CNTR 1 Register
Register: 0x00
ENABLE / ENGINE CNTR1
Bit
Bit Name
Default
Access
Bit Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com