Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3661 Datasheet(PDF) 58 Page - ams AG

Part # AS3661
Description  Programmable 9-channel LED Dr iver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3661 Datasheet(HTML) 58 Page - ams AG

Back Button AS3661 Datasheet HTML 54Page - ams AG AS3661 Datasheet HTML 55Page - ams AG AS3661 Datasheet HTML 56Page - ams AG AS3661 Datasheet HTML 57Page - ams AG AS3661 Datasheet HTML 58Page - ams AG AS3661 Datasheet HTML 59Page - ams AG AS3661 Datasheet HTML 60Page - ams AG AS3661 Datasheet HTML 61Page - ams AG AS3661 Datasheet HTML 62Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 87 page
background image
www.austriamicrosystems.com
Revision 1.3
57 - 85
AS3661
Datasheet - D e t a i l e d D e s c r i p t i o n
8.10.18 LED TEST ADC
5
CONTINUOUS
_CONV
0
R/W
When EN_LED_TEST_ADC bit is set to”1”, it is possible to
enable a continuous conversation setting the
CONTINUOUS_CONV bit to “1” in this register.
0: continuous conversion is disabled.
1: continuous LED test measurement. Not active in powersave
mode.
4:0
LED_TEST_CTRL
0 0000
R/W
These bits are used for choosing the LED driver output to be
measured with the LED test ADC. In addition to the LED
outputs is is possible to measure VDD , INT-pin and charge-
pump output voltage as well.
0 0000: LED1
0 0001: LED2
0 0010: LED3
0 0011: LED4
0 0100: LED5
0 0101: LED6
0 0110: LED7
0 0111: LED8
0 1000: LED9
0 1001 to 0 1110: reserved, do not use
0 1111: VCP
1 0000: VBAT
1 0001: INT-pin
10010 to 11111: reserved, do not use
Table 53. LED TEST ADC Register
Register: 0x42
LED TEST ADC
Bit
Bit Name
Default
Access
Bit Description
7:0
LED_TEST_ADC
N/A
R
This is used to store the LED test result. Read-only register.
LED test ADC least significant bit corresponds to 30mV. The
measured voltage V (typ.) is calculated as follows: V =
(RESULT(DEC) x 0.03 - 1.478 V. For example, if the result is
10100110 = 166(DEC), the measured voltage is 3.50V
(typ.)(see Figure 28 on page 58).
Table 52. LED TEST CONTROL Register
Register: 0x41
LED TEST CONTROL
Bit
Bit Name
Default
Access
Bit Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com