Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3661 Datasheet(PDF) 46 Page - ams AG

Part # AS3661
Description  Programmable 9-channel LED Dr iver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3661 Datasheet(HTML) 46 Page - ams AG

Back Button AS3661 Datasheet HTML 42Page - ams AG AS3661 Datasheet HTML 43Page - ams AG AS3661 Datasheet HTML 44Page - ams AG AS3661 Datasheet HTML 45Page - ams AG AS3661 Datasheet HTML 46Page - ams AG AS3661 Datasheet HTML 47Page - ams AG AS3661 Datasheet HTML 48Page - ams AG AS3661 Datasheet HTML 49Page - ams AG AS3661 Datasheet HTML 50Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 87 page
background image
www.austriamicrosystems.com
Revision 1.3
45 - 85
AS3661
Datasheet - D e t a i l e d D e s c r i p t i o n
8.10.6 LEDx PWM
This is the PWM duty cycle control for LED1 to LED9 output. The PWM registers are effective during direct control
operation. Direct PWM control is active after power up by default.
Note: Serial bus address auto increment is not supported for register addresses from 16 to 1E.
Note: If the temperature compensation is active, the maximum PWM duty cycle is 50% at +25°C. This is require d to
allow enough headroom for temperature compensation over the temperature range -40 °C to 90°C.
5
LED9_LOG_EN
0
R/W
This bit is effective for both, program execution engine and
direct PWM control.
0: linear adjustment.
1: logarithmic adjustment.
4:0
LED8_TEMP_COMP
0 0000
R/W
The reference temperature is +25°C (i.e. the temper ature at
which all slope settings have no effect) and the temperature
coefficient (slope) can be set in 0.1 1/°C steps to any value
between -1.5 1/°C and +1.5 1/°C, with a default to 0.0 1/°C
11111: -1.5 1/°C
11110: -1.4 1/°C
...
00000: temperature compensation not activated
...
01110: +1.4 1/°C
01111: +1.5 1/°C
Table 23. LED1 PWM Register
Register: 0x16
LED1 PWM
Bit
Bit Name
Default
Access
Bit Description
7:0
LED1_PWM
0000 0000
R/W
This register controls the duty cycle of LED1 PWM output.
0000 0000: 0% Duty Cycle
0000 0001: 0.3921% Duty Cycle
0000 0010: 0.7843% Duty Cycle
0000 0011: 1.1765% Duty Cycle
....
1111 1111: 100% Duty Cycle
Table 22. LED9 CONTROL Register
Register: 0x0E
LED9 CONTROL
Bit
Bit Name
Default
Access
Bit Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com