Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3661 Datasheet(PDF) 35 Page - ams AG

Part # AS3661
Description  Programmable 9-channel LED Dr iver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3661 Datasheet(HTML) 35 Page - ams AG

Back Button AS3661 Datasheet HTML 31Page - ams AG AS3661 Datasheet HTML 32Page - ams AG AS3661 Datasheet HTML 33Page - ams AG AS3661 Datasheet HTML 34Page - ams AG AS3661 Datasheet HTML 35Page - ams AG AS3661 Datasheet HTML 36Page - ams AG AS3661 Datasheet HTML 37Page - ams AG AS3661 Datasheet HTML 38Page - ams AG AS3661 Datasheet HTML 39Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 87 page
background image
www.austriamicrosystems.com
Revision 1.3
34 - 85
AS3661
Datasheet - D e t a i l e d D e s c r i p t i o n
75
ENG3 MAPPING
LSB
[7]
R
0xxxxxxx
LED8
Engine 3 mapping information, LED8 output
[6]
x0xxxxxx
LED7
Engine 3 mapping information, LED7 output
[5]
xx0xxxxx
LED6
Engine 3 mapping information, LED6 output
[4]
xxx0xxxx
LED5
Engine 3 mapping information, LED5 output
[3]
xxxx0xxx
LED4
Engine 3 mapping information, LED4 output
[2]
xxxxx0xx
LED3
Engine 3 mapping information,LED3 output
[1]
xxxxxx0x
LED2
Engine 3 mapping information, LED2 output
[0]
xxxxxxx0
LED1
Engine 3 mapping information, LED1 output
76
GAIN CHANGE
CTRL
[7:6]
R/W
00xxxxxx
TRESHOLD
Threshold voltage (typ.)
00
400mV
01
300mV
10
200mV
11
100mV
[5]
R/W
xx0xxxxx
ADAPTIVE_TRESH_EN
Activates adaptive threshold.
[4:3]
R/W
xxx00xxx
TIMER
00
5ms
01
10ms
10
50ms
11
Infinite
[2]
R/W
xxxxx0xx
FORCE_1x
Activates 1.5x to 1x timer
Table 7. Description of Registers
Hex
Address
Register Name
Bit(s)
Type
Default Value
After Reset
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com