Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3661 Datasheet(PDF) 36 Page - ams AG

Part # AS3661
Description  Programmable 9-channel LED Dr iver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3661 Datasheet(HTML) 36 Page - ams AG

Back Button AS3661 Datasheet HTML 32Page - ams AG AS3661 Datasheet HTML 33Page - ams AG AS3661 Datasheet HTML 34Page - ams AG AS3661 Datasheet HTML 35Page - ams AG AS3661 Datasheet HTML 36Page - ams AG AS3661 Datasheet HTML 37Page - ams AG AS3661 Datasheet HTML 38Page - ams AG AS3661 Datasheet HTML 39Page - ams AG AS3661 Datasheet HTML 40Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 87 page
background image
www.austriamicrosystems.com
Revision 1.3
35 - 85
AS3661
Datasheet - D e t a i l e d D e s c r i p t i o n
8.10 Control Register Details
8.10.1 ENABLE/ ENGINE CONTROL1
This register controls the startup of the chip and the program execution modes for each program execution engine.
Table 8. ENABLE / ENGINE CNTR 1 Register
Register: 0x00
ENABLE / ENGINE CNTR1
Bit
Bit Name
Default
Access
Bit Description
6
CHIP_EN
0
R/W
0: Standby mode is entered. Still, control registers can be
written or read, excluding bits [5:0] in reg 00 (this
register), registers 16h to 1E (LED PWM registers) and 37h
to 39h (program counters).
1: internal startup sequence powers up all the needed internal
blocks and the device enters normal mode.
5:4
ENGINE1_EXEC
00
R/W
The engine 1 program execution control register bits define
how the program is executed. Program start address can be
programmed to program counter (PC) register 0x37.
00: Hold causes the execution engine to finish the current
instruction and then stop. Program counter (PC) can be
read or written only in this mode.
01: Execute the instruction at the location pointed by the PC,
increment the PC by one and then reset ENG1_EXEC bits to
00 (i.e. enter hold).
10: Start program execution from the location pointed by the
PC. This mode is also called “Free Run” mode.
11: Execute the instruction pointed by the current PC value
and reset ENG1_EXEC to 00 (i.e. enter hold). The difference
between step and execute once is that execute once does not
increment the PC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com