Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9255WLC Datasheet(PDF) 25 Page - Infineon Technologies AG

Part # TLE9255WLC
Description  HS CAN Transceiver with Partial Networking
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9255WLC Datasheet(HTML) 25 Page - Infineon Technologies AG

Back Button TLE9255WLC Datasheet HTML 21Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 22Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 23Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 24Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 25Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 26Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 27Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 28Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 29Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 100 page
background image
Data Sheet
25
Rev. 1.02 2018-02-02
TLE9255W
Modes of Operation
5.6
Automatic Bus Voltage Biasing
The automatic bus voltage biasing improves EMC performance of the entire network and increases the
reliability of communication performance in networks using CAN partial networking.
The automatic bus voltage biasing is enabled in all low power modes. The biasing unit operates independently
from all other transceiver functions and only depending on the network activity (tSilence). If tSilence has expired,
then there is no activity on the CAN bus. The tSilence timer is restarted under the following conditions:
•If tSilence has expired in Sleep WUP Sub-Mode AND a WUP is detected
•If tSilence has not expired in Sleep WUP Sub-Mode AND a rising or falling edge is detected AND the pulse
width (dominant or recessive) is greater than tFilter
• If a WUP is detected in Selective Sleep Sub-Mode
•If tSilence has expired in Stand-by Mode AND a WUP is detected
•If the tSilence has not expired in Stand-by Mode AND a rising edge or a falling edge is detected AND the pulse
width (dominant or recessive) is greater than tFilter
• If a rising or falling edge is detected in any other mode AND the pulse width (dominant or recessive) is
greater than tFilter
If there is no activity on the bus for longer than tSILENCE, then the internal resistors bias the bus pins towards
GND. On detection of a valid wake-up pattern (WUP), the internal biasing is enabled and terminates the
biasing resistors towards 2.5 V within t > tRW_Bias.
Figure 15
Bus Biasing and tSilence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com