Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9255WLC Datasheet(PDF) 64 Page - Infineon Technologies AG

Part # TLE9255WLC
Description  HS CAN Transceiver with Partial Networking
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9255WLC Datasheet(HTML) 64 Page - Infineon Technologies AG

Back Button TLE9255WLC Datasheet HTML 60Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 61Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 62Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 63Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 64Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 65Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 66Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 67Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 68Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 100 page
background image
Data Sheet
64
Rev. 1.02 2018-02-02
TLE9255W
Serial Peripheral Interface
8.7.3
Status Register
TRANS_STAT
Transceiver Status
(18H)
ResetValue:0000H
76
54
32
10
POR
Reserved
TXD_TO
TSD
Reserved
w1c
w1c
w1c
w1c
w1c
Field
Bits
Type
Description
POR
7w1c
Power On Reset
0B
, No POR occurred
1B
, POR occurred
Reserved
6:3
w1c
Reserved
TXD_TO
2w1c
TxD Timeout
0B
, No TxD timeout detected
1B
, TxD timeout detected
TSD
1w1c
CAN Thermal Shut Down
0B
, No Thermal Shut Down detected
1B
, Thermal Shut Down detected
Reserved
0w1c
Reserved
TRANS_UV_STAT
Transceiver Undervoltage Status
(19H)
ResetValue:0000H
76
54
32
10
VBAT_UV
Reserved
VCC_LTUV
VCC_STUV
Reserved
VIO_LTUV
VIO_STUV
w1c
w1c
w1c
w1c
w1c
w1c
w1c
Field
Bits
Type
Description
VBAT_UV
7w1c
Battery Undervoltage detected
0B
, No battery undervoltage detected
1B
, Battery undervoltage detected
Reserved
6w1c
Reserved
VCC_LTUV
5w1c
VCC long-term undervoltage detection
0B
, No VCC long-term undervoltage detected
1B
, VCC long-term undervoltage detected
VCC_STUV
4w1c
VCC short-term undervoltage detection
0B
, No VCC short-term undervoltage detected
1B
, VCC short-term undervoltage detected
Reserved
3:2
w1c
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com