Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9255WLC Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # TLE9255WLC
Description  HS CAN Transceiver with Partial Networking
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9255WLC Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button TLE9255WLC Datasheet HTML 11Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 12Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 13Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 14Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 15Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 16Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 17Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 18Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 19Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 100 page
background image
Data Sheet
15
Rev. 1.02 2018-02-02
TLE9255W
Modes of Operation
5.3
Stand-by Mode
Stand-by Mode is a low power mode of the TLE9255W with both the transmitter and the receiver disabled. In
Stand-by Mode the transceiver can neither send data to the HS CAN bus nor can it receive data from the
HS CAN bus:
• The transmitter is disabled and the data available on the TxD input is blocked.
• The RxD output pin indicates a wake-up event (Chapter 5.8). If no wake-up event is pending, then the
default value of the RxD output pin is “high”.
• After Power on Reset the bus biasing is off. Chapter 5.6 describes the conditions for the bus biasing.
• The TxD timeout function is disabled (Chapter 6.4).
• The overtemperature protection is disabled (Chapter 6.5).
• The undervoltage detection on VBAT is enabled(Chapter 6.2.1)
• The undervoltage detection on VCC is enabled (Chapter 6.2.2).
• The undervoltage detection on VIO is enabled (Chapter 6.2.4).
• The INH output pin is “high”.
• If the selective wake function is disabled (SWK_EN = 0), then the HS CAN bus is continuously monitored for
a valid wake-up pattern (Chapter 5.7.1). If the selective wake function is enabled, then a valid wake-up
pattern is not signalled in the SPI bit WUP.
• Only if the selective wake function is enabled (SWK_EN = 1), then the HS CAN bus is continuously
monitored for a valid WUF (Chapter 5.7.2).
• Local wake-up function is enabled (Chapter 5.7.3).
•If VIO > VIO_UV, then a mode change is possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com