Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9255WLC Datasheet(PDF) 65 Page - Infineon Technologies AG

Part # TLE9255WLC
Description  HS CAN Transceiver with Partial Networking
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9255WLC Datasheet(HTML) 65 Page - Infineon Technologies AG

Back Button TLE9255WLC Datasheet HTML 61Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 62Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 63Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 64Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 65Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 66Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 67Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 68Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 69Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 100 page
background image
Data Sheet
65
Rev. 1.02 2018-02-02
TLE9255W
Serial Peripheral Interface
VIO_LTUV
1w1c
VIO long-term undervoltage detection
0B
, No VIO long-term undervoltage detected
1B
, VIO long-term undervoltage detected
VIO_STUV
0w1c
VIO short-term undervoltage detection
0B
, No VIO short-term undervoltage detected
1B
, VIO short-term undervoltage detected
ERR_STAT
Error Status
(1AH)
ResetValue:0000H
76
54
32
10
Reserved
COM_ERR
CMD_ERR
w1c
w1c
w1c
Field
Bits
Type
Description
Reserved
7:2
w1c
Reserved
COM_ERR
1w1c
SPI failure detected (Chapter 8.4)
0B
, No SPI failure detected
1B
, SPI failure detected
CMD_ERR
0w1c
Invalid SPI Command (Chapter 8.5)
0B
, No invalid SPI command received
1B
, Invalid SPI command received
WAKE_STAT
Wake Status
(1BH)
ResetValue:0000H
76
54
32
10
Reserved
LWU_DIR
LWU
WUP
WUF
w1c
r
w1c
w1c
w1c
Field
Bits
Type
Description
Reserved
7:4
w1c
Reserved
LWU_DIR
3r
Local Wake-Up Direction
0B
, Local Wake-Up has been performed by the falling edge
1B
, Local Wake-Up has been performed by the rising edge
LWU
2w1c
Local Wake-Up
0B
, No Local Wake-Up performed
1B
, Local Wake-Up performed
WUP
1w1c
Wake-Up Pattern
0B
, No Wake-Up Pattern detected
1B
, Wake-Up Pattern detected
Field
Bits
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com