Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9255WLC Datasheet(PDF) 99 Page - Infineon Technologies AG

Part # TLE9255WLC
Description  HS CAN Transceiver with Partial Networking
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9255WLC Datasheet(HTML) 99 Page - Infineon Technologies AG

Back Button TLE9255WLC Datasheet HTML 92Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 93Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 94Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 95Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 96Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 97Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 98Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 99Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 100Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 99 / 100 page
background image
Data Sheet
99
Rev. 1.02 2018-02-02
TLE9255W
Revision History
13
Revision History
Revision Date
Changes
1.00
2016-09-15
Data Sheet Rev. 1.0 created
1.01
2017-02-27
• SWK_ACTIVE bit description changed in register SWK_STAT
• Internal state transitions have higher priority than mode change SPI commands
• tFD_Glitch_10 and tFD_DOM_10 removed (Chapter 10.5.2)
1.02
2018-02-02
• ESD immunity at CANH, CANL, WAKE and VBAT versus to GND set from +-8 kV to
+-10 kV
• ESD immunity at all other pins set from +-2kV to +-4 kV
• ESD robustness according to IEC 61000-4-2 changed form +-8 kV to +-10 kV
• Tightening of limits for VBAT and VCC supply current at Receive-only Mode
(P_10.2.5)
• Tightening of limits for VIO supply current at Normal-operating Mode (P_10.2.4)
• Tightening of limits for VCC supply current dominant bus signal at Normal-
operating Mode (P_10.2.2)
• Tightening of limits for VBAT supply current at Normal-operating Mode (P_10.2.1)
• Tightening of limits for VIO supply current at Receive-only Mode (P_10.2.7)
• Pin configuration for TSON Package added (Figure 2)
• Test condition for the Parameter Absolute current on CAN_L (P_10.04.14)
compliant to ISO 11898-2 (2016).
• Test condition for the Parameter Absolute current on CAN_H (P_10.04.13)
compliant to ISO 11898-2 (2016)
• Test condition for the Parameter Driver Symmetry (P_10.04.12) compliant to
ISO 11898-2 (2016).
• Test condition for the Parameter Input resistance deviation between CANH and
CANL(P_10.04.26) compliant to ISO 11898-2 (2016).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com