Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9255WLC Datasheet(PDF) 53 Page - Infineon Technologies AG

Part # TLE9255WLC
Description  HS CAN Transceiver with Partial Networking
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9255WLC Datasheet(HTML) 53 Page - Infineon Technologies AG

Back Button TLE9255WLC Datasheet HTML 49Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 50Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 51Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 52Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 53Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 54Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 55Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 56Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 57Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 100 page
background image
Data Sheet
53
Rev. 1.02 2018-02-02
TLE9255W
Serial Peripheral Interface
8.7.1
Mode Control Register
MODE_CTRL
Mode Control
(01H)
ResetValue:0002H
76
54
32
10
Reserved
Mode
rw
rw
Field
Bits
Type
Description
Reserved
7:4
rw
Reserved
Mode
3:0
rw
Mode1)2)
0001B, Sleep Mode
0010B, Standby Mode
0100B, Receive Only Mode
1000B, Normal Operation Mode
1) Internal state transitions have higher priority than mode change SPI commands
2) The Mode bits are a reflection of the state of the transceiver which includes internal state transitions
HW_CTRL
Hardware Control
(02H)
ResetValue:00E1H
76
54
32
10
STTS_EN
LWU_NEG
LWU_POS
Reserved
WAKE_TOG
VBAT_CON
rw
rw
rw
rw
rw
rw
Field
Bits
Type
Description
STTS_EN
7rw
State transition to Sleep WUP Sub-Mode if a VCC <VCC_UV AND
t>tVCC_UV_T AND tSilence has expired
0B
, State transition will not be performed
1B
, State transition will be performed
LWU_NEG
6rw
Local wake-up direction
0B
, Local wake-up will not be performed on the negative edge
1B
, Local wake-up will be performed on the negative edge
LWU_POS
5rw
Local wake-up direction
0B
, Local wake-up will not be performed on the positive edge
1B
, Local wake-up will be performed on the positive edge
Reserved
4:2
rw
Reserved
WAKE_TOG
1rw
Toggle RxD Pin if a wake-up event is detected
0B
, The RxD Pin will be constant “low”
1B
, The RxD Pin will toggle between “low” and “high”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com