Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9255WLC Datasheet(PDF) 33 Page - Infineon Technologies AG

Part # TLE9255WLC
Description  HS CAN Transceiver with Partial Networking
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9255WLC Datasheet(HTML) 33 Page - Infineon Technologies AG

Back Button TLE9255WLC Datasheet HTML 29Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 30Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 31Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 32Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 33Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 34Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 35Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 36Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 37Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 100 page
background image
Data Sheet
33
Rev. 1.02 2018-02-02
TLE9255W
Fail Safe Functions
6.2.2
Short-term Undervoltage detection on VCC
If the power supply VCC < VCC_UV for more than the glitch filter time tVCC_filter, then a short-term undervoltage on
VCC is detected. The glitch filter prevents an undervoltage detection due to short voltage transients on VCC. On
detection of short-term undervoltage the TLE9255W performs the following actions:
• Set short-term undervoltage bit VCC_STUV to “1” in the SPI register TRANS_UV_STAT. Only after the
completion of a Power on Reset, the VCC supply stabilization period must be completed before an
undervoltage notification can be recorded in the VCC_STUV bit. After Power on Reset the undervoltage
notification is only possible once the VCC supply has exceeded the threshold VCC_UV, that is VCC > VCC_UV.
Figure 27 shows this scenario.
• disable the transmitter
An SPI command can reset the undervoltage bit VCC_STUV. If VCC > VCC_UV for more than the glitch filter time
tVCC_filter AND if the transmitter recovery time tVCC_recovery has expired, then the transmitter is re-enabled.
Figure 26
VCC undervoltage detection
Figure 27
Undervoltage detection VCC during VCC supply stabilization period after Power on Reset
VIO and VBAT are within the functional range
VCC
t
enabled
VCC_UV
tVCC_filter
Status Bit
VCC_STUV:
tVCC_filter
disabled
„0"
„1"
Transmitter:
tVCC_filter
enabled
tVCC_recovery
VIO and VBAT are within the functional range
VCC
t
„0"
VCC_UV
Status Bit:
VCC_STUV
tVCC_filter
„1"
Notification
disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com