Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9255WLC Datasheet(PDF) 83 Page - Infineon Technologies AG

Part # TLE9255WLC
Description  HS CAN Transceiver with Partial Networking
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9255WLC Datasheet(HTML) 83 Page - Infineon Technologies AG

Back Button TLE9255WLC Datasheet HTML 79Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 80Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 81Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 82Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 83Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 84Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 85Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 86Page - Infineon Technologies AG TLE9255WLC Datasheet HTML 87Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 100 page
background image
Data Sheet
83
Rev. 1.02 2018-02-02
TLE9255W
Electrical Characteristics
Table 16
CAN FD
4.75 V < VCC <5.25 V; 3.0V< VIO < 5.5 V; 5.5V < VBAT < 40V; RL =60 Ω; -40 °C < TJ < 150 °C;
all voltages with respect to ground, positive current flowing into pin (unless otherwise specified)
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.
CAN FD Characteristics
Received recessive bit width
at 2 MBit/s
tBit(RxD)_2M
400
500
550
ns
CL = 100 pF,
CRxD =15 pF,
tBit = 500 ns,;
(see Figure 49);
P_10.4.36
Received recessive bit width
at 5 MBit/s
tBit(RxD)_5M
120
200
220
ns
CL = 100 pF,
CRxD =15 pF,
tBit = 200 ns;
(see Figure 49);
P_10.4.37
Transmitted recessive bit
width at 2 MBit/s
tBit(Bus)_2M
435
500
530
ns
CL = 100 pF,
CRxD =15 pF,
tBit = 500 ns;
(see Figure 49);
P_10.4.38
Transmitted recessive bit
width at 5 MBit/s
tBit(Bus)_5M
155
200
210
ns
CL = 100 pF,
CRxD =15 pF,
tBit = 200 ns;
(see Figure 49);
P_10.4.39
Receiver timing symmetry at
2MBit/s
∆tRec_2M = tBit(RxD)_2M -
tBit(Bus)_2M
∆tRec_2M
-65
–
40
ns
CL = 100 pF,
CRxD =15 pF,
tBit = 500 ns,
(see Figure 49);
P_10.4.40
Receiver timing symmetry at
5MBit/s
∆tRec_5M = tBit(RxD)_5M -
tBit(Bus)_5M
∆tRec_5M
-45
–
15
ns
CL = 100 pF,
CRxD =15 pF,
tBit = 200 ns,
(see Figure 49);
P_10.4.41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com